Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT1G-2M4 Datasheet(PDF) 3 Page - Copal Electronics

Part # BT1G-2M4
Description  Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

BT1G-2M4 Datasheet(HTML) 3 Page - Copal Electronics

  BT1G-2M4 Datasheet HTML 1Page - Copal Electronics BT1G-2M4 Datasheet HTML 2Page - Copal Electronics BT1G-2M4 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BT
■:VSKLYPUN:WLJPÄJH[PVUZ
⑴Manual Soldering
Device
: Soldering iron
380
℃, Max.; 3 seconds, Max.
⑵Auto Soldering
Device
: Jet wave type or dip type
275
℃, Max.; 3 seconds, Max.
●Pre-heating should be done at temperatures below 100℃ and
within 30 sec.
⑶When soldering two or more terminals to the common land, use
the solder resist to solder them independently.
■Mounting of Switch
●Use PC boards with hole diameter of 0.8mm.
●Do not bend the terminal pins before mounting the switch on
the PC board.
●After mounting the switch, do not place the device in such a
way that the device weight will be applied on to the actuator of
the switch.
Do not apply load exceeding 29.4N to the actuator.
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵The BT series are not washable. To wash the PC board,
clean the soldering surface of PC board with a brush so that
the switch is not exposed to the cleaning solution.
⑶Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the switch
MVYÄ]LTPU\[LZVYSVUNLYH[YVVT[LTWLYH[\YL


Similar Part No. - BT1G-2M4

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BT1 ZETEX-BT1 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Altech corporation
BT1 ALTECH-BT1 Datasheet
152Kb / 1P
   30 mm Rubber Boots BTx (x=color)
logo
Marki Microwave
BT1-0026 MARKIMICROWAVE-BT1-0026 Datasheet
754Kb / 5P
   HIGH POWER BIAS TEE
BT1-0040 MARKIMICROWAVE-BT1-0040 Datasheet
559Kb / 5P
   HIGH POWER BIAS TEE
logo
Extech Instruments Corp...
BT100 EXTECH-BT100 Datasheet
194Kb / 1P
   Battery Capacity Tester
More results

Similar Description - BT1G-2M4

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com