Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC24CA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPC24CA
Description  Surface Mount PAR Transient Voltage Suppressors Bi-directional 1500 W TVS in TO-277 (SMPC) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC24CA Datasheet(HTML) 2 Page - Vishay Siliconix

  TPC24CA Datasheet HTML 1Page - Vishay Siliconix TPC24CA Datasheet HTML 2Page - Vishay Siliconix TPC24CA Datasheet HTML 3Page - Vishay Siliconix TPC24CA Datasheet HTML 4Page - Vishay Siliconix TPC24CA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPC11CA thru TPC36CA
www.vishay.com
Vishay General Semiconductor
Revision: 09-Sep-16
2
Document Number: 87649
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• All terms and symbols are consistent with ANSI/IEEE C62.35
(1) VBR measured after IT applied for 300 μs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig.3
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (1) AT IT
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(μA)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC
(V)
BI
MIN.
MAX.
TPC11CA
BAF
10.5
11.6
1.0
9.40
5.0
96.2
15.6
TPC12CA
BAG
11.4
12.6
1.0
10.2
2.0
89.8
16.7
TPC13CA
BAH
12.4
13.7
1.0
11.1
2.0
82.4
18.2
TPC15CA
BAI
14.3
15.8
1.0
12.8
1.0
70.8
21.2
TPC16CA
BAJ
15.2
16.8
1.0
13.6
1.0
66.7
22.5
TPC18CA
BAK
17.1
18.9
1.0
15.3
1.0
59.5
25.2
TPC20CA
BAL
19.0
21.0
1.0
17.1
1.0
54.2
27.7
TPC22CA
BAM
20.9
23.1
1.0
18.8
1.0
49.0
30.6
TPC24CA
BAN
22.8
25.2
1.0
20.5
1.0
45.2
33.2
TPC27CA
BAO
25.7
28.4
1.0
23.1
1.0
40.0
37.5
TPC30CA
BAP
28.5
31.5
1.0
25.6
1.0
36.2
41.4
TPC33CA
BAQ
31.4
34.7
1.0
28.2
1.0
32.8
45.7
TPC36CA
BAR
34.2
37.8
1.0
30.8
1.0
30.1
49.9
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TPC11CAHM3/H (1)
0.10
H
1500
7" diameter plastic tape and reel
TPC11CAHM3/I (1)
0.10
I
6500
13" diameter plastic tape and reel


Similar Part No. - TPC24CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC24CA VISHAY-TPC24CA Datasheet
92Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPC24CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6S10 VISHAY-SM6S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com