Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS9120IRGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS9120IRGET
Description  16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9120IRGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS9120IRGET Datasheet HTML 2Page - Texas Instruments ADS9120IRGET Datasheet HTML 3Page - Texas Instruments ADS9120IRGET Datasheet HTML 4Page - Texas Instruments ADS9120IRGET Datasheet HTML 5Page - Texas Instruments ADS9120IRGET Datasheet HTML 6Page - Texas Instruments ADS9120IRGET Datasheet HTML 7Page - Texas Instruments ADS9120IRGET Datasheet HTML 8Page - Texas Instruments ADS9120IRGET Datasheet HTML 9Page - Texas Instruments ADS9120IRGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
ADS9120
SBAS710 – SEPTEMBER 2016
www.ti.com
Product Folder Links: ADS9120
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All specifications are for AVDD = 1.8 V, DVDD = 1.8 V, VREF = 5 V, and fDATA = 2.5 MSPS, unless otherwise noted.
All minimum and maximum specifications are for TA = –40°C to +125°C, unless otherwise noted.
All typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.1 dB below full-scale,
unless otherwise specified.
(5)
Calculated on the first nine harmonics of the input frequency.
(6)
As per the JESD8-7A standard. Specified by design; not production tested.
AC ACCURACY(4)
SINAD
Signal-to-noise + distortion
fIN = 2 kHz
94.4
96
dB
fIN = 100 kHz
95
fIN = 500 kHz
83.9
SNR
Signal-to-noise ratio
fIN = 2 kHz
94.5
96
dB
fIN = 100 kHz
95.9
fIN = 500 kHz
84
THD
Total harmonic distortion(5)
fIN = 2 kHz
–118
dB
fIN = 100 kHz
–102
fIN = 500 kHz
–101
SFDR
Spurious-free dynamic range
fIN = 2 kHz
120
dB
fIN = 100 kHz
108
fIN = 500 kHz
106
DIGITAL INPUTS(6)
VIH
High-level input voltage
0.65 DVDD
DVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.35 DVDD
V
DIGITAL OUTPUTS (6)
VOH
High-level output voltage
IOH = 2-mA source
DVDD – 0.45
V
VOL
Low-level output voltage
IOH = 2-mA sink
0.45
V
POWER SUPPLY
AVDD
Analog supply voltage
1.65
1.8
1.95
V
DVDD
Digital supply voltage
1.65
1.8
1.95
V
IDD
AVDD supply current
(AVDD = 1.8 V)
Active, 2.5-MSPS throughput,
TA = –40°C to +85°C
5
6.5
mA
Active, 2.5-MSPS throughput,
TA = –40°C to +125°C
5
6.75
Static, ACQ state
3.7
mA
Low-power, NAP mode
500
µA
Power-down, PD state
1
PD
AVDD power dissipation
(AVDD = 1.8 V)
Active, 2.5-MSPS throughput,
TA = –40°C to +85°C
9
11.7
mW
Active, 2.5-MSPS throughput,
TA = –40°C to +125°C
9
12.15
Static, ACQ state
6.6
mW
Low-power, NAP mode
900
µW
Power-down, PD state
1.8
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
125
°C


Similar Part No. - ADS9120IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
ADS9110 TI1-ADS9110 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS9110IRGER TI1-ADS9110IRGER Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
ADS9110IRGET TI1-ADS9110IRGET Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
More results

Similar Description - ADS9120IRGET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
1Mb / 62P
[Old version datasheet]   18-Bit, 2-MSPS, 15-mW, SAR ADC
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com