Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25871YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25871YFFR
Description  Battery Switch Charger
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25871YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25871YFFR Datasheet HTML 3Page - Texas Instruments BQ25871YFFR Datasheet HTML 4Page - Texas Instruments BQ25871YFFR Datasheet HTML 5Page - Texas Instruments BQ25871YFFR Datasheet HTML 6Page - Texas Instruments BQ25871YFFR Datasheet HTML 7Page - Texas Instruments BQ25871YFFR Datasheet HTML 8Page - Texas Instruments BQ25871YFFR Datasheet HTML 9Page - Texas Instruments BQ25871YFFR Datasheet HTML 10Page - Texas Instruments BQ25871YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
7
bq25871
www.ti.com
SLUSCQ5 – OCTOBER 2016
Product Folder Links: bq25871
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
Unless otherwise noted, the specification in the following table applies over operating ambient temperature range –40 °C
≤ TA
≤ 85 °C. Typical values are for TA = 25 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
IQ_OP
VBUS operation
quiescent current
ADC disabled (ADC_EN = 0), charge
disabled (CHG_EN = 0), EN = low, VVBUS=
3.6 V, VOUT floating, current into VBUS
100
125
µA
ADC enabled (ADC_EN = 1), charge
disabled (CHG_EN = 0), EN = high,
VVBUS= 3.6 V, VOUT floating, current into
VBUS
1.75
2.0
mA
IQ_BAT
Battery quiescent current
ADC disabled (ADC_EN = 0), charge
disabled (CHG_EN = 0), EN = low, VVOUT
= 3.6 V, current into VOUT
20
30
µA
ADC disabled (ADC_EN = 0), charge
disabled (CHG_EN = 0), EN = high, VVOUT
= 3.6 V, current into VOUT
80
120
µA
ADC enable (ADC_EN = 1), charge
disabled (CHG_EN = 0), EN = high, VVOUT
= 3.6 V, current into VOUT
1.35
1.75
mA
RESISTANCE AND LEAKAGE
RON
VBUS to VOUT
resistance
VVBUS = 3.6 V, TA = 25 °C
13
16
VVBUS = 3.6 V, –40 °C ≤ TA ≤ 85 °C
13
22
VVBUS_PD
VBUS pull-down
resistance
VBUS_PD_EN = '1'
0.5
1.0
1.35
INTERNAL THRESHOLDS
VBUS_PRESENT
Rising
2.8
V
Falling hysteresis
120
mV
VBAT_INSERT
Rising
2.8
V
Falling hysteresis
120
mV
TSHUT
Internal thermal
shutdown- rising
150
°C
TSHUT_HYS
TSHUT falling hysteresis
30
°C
IRCP
Current from VOUT to
VBUS
RCP_SET = '0'
0.10
0.25
0.40
A
RCP_SET = '1'
2.75
3.00
3.25
A
ISCP
Short circuit current from
VBUS to VOUT
10
A
PROTECTION THRESHOLD and ACCURACY
VDROP_OVP
VDROP OVP range
VBUS – VOUT. Programmable range
0
1000
mV
VDROP OVP step size
0 mV
≤ VDROP_OVP ≤ 640 mV
10
mV
700 mV < VDROP_OVP
≤ 1000 mV
100
mV
VDROP OVP
comparator accuracy
VDROP_OVP = 80 mV
–8.0%
8.0%
VDROP_OVP = 160 mV
–5.0%
5.0%
VDROP_ALM
VDROP ALM range
VBUS – VOUT. Programmable range
0
1000
mV
VDROP ALM step size
0 mV
≤ VDROP_OVP ≤ 640 mV
10
mV
700 mV < VDROOP_OVP
≤ 1000 mV
100
mV
VDROP ALM
comparator accuracy
VDROP_ALM = 80 mV
–8.0%
8.0%
VDROP_ALM = 160 mV
–5.0%
5.0%
VDROP ALM falling
hysteresis
10
mV


Similar Part No. - BQ25871YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
BQ25872YFFR TI1-BQ25872YFFR Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
BQ25872YFFT TI1-BQ25872YFFT Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
More results

Similar Description - BQ25871YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Dallas Semiconductor
MAX713 DALLAS-MAX713 Datasheet
22Kb / 2P
   Switch-Mode Battery Charger Delivers 5A
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com