Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD16327Q3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16327Q3
Description  25-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16327Q3 Datasheet(HTML) 3 Page - Texas Instruments

  CSD16327Q3 Datasheet HTML 1Page - Texas Instruments CSD16327Q3 Datasheet HTML 2Page - Texas Instruments CSD16327Q3 Datasheet HTML 3Page - Texas Instruments CSD16327Q3 Datasheet HTML 4Page - Texas Instruments CSD16327Q3 Datasheet HTML 5Page - Texas Instruments CSD16327Q3 Datasheet HTML 6Page - Texas Instruments CSD16327Q3 Datasheet HTML 7Page - Texas Instruments CSD16327Q3 Datasheet HTML 8Page - Texas Instruments CSD16327Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD16327Q3
www.ti.com
SLPS371A – DECEMBER 2011 – REVISED SEPTEMBER 2016
Product Folder Links: CSD16327Q3
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
25
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 20 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = +10 / –8 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
0.9
1.2
1.4
V
RDS(on)
Drain-to-source on-resistance
VGS = 3 V, ID = 24 A
5
6.5
m
VGS = 4.5 V, ID = 24 A
4
4.8
VGS = 8 V, ID = 24 A
3.4
4.0
gfs
Transconductance
VDS = 12.5 V, ID = 24 A
96
S
DYNAMIC CHARACTERISTICS
CISS
Input capacitance
VGS = 0 V, VDS = 12.5 V, f = 1 MHz
1020
1300
pF
COSS
Output capacitance
740
960
pF
CRSS
Reverse transfer capacitance
50
65
pF
Rg
Series gate resistance
1.4
2.8
Qg
Gate charge total (4.5 V)
VDS = 12.5 V, ID = 24 A
6.2
8.4
nC
Qgd
Gate charge gate-to-drain
1.1
nC
Qgs
Gate charge gate-to-source
1.8
nC
Qg(th)
Gate charge at Vth
1
nC
QOSS
Output charge
VDS = 12.5 V, VGS = 0 V
14
nC
td(on)
Turnon delay time
VDS = 12.5 V, VGS = 4.5 V ID = 24 A
RG = 2 Ω
5.3
ns
tr
Rise time
15
ns
td(off)
Turnoff delay time
13
ns
tf
Fall time
6.3
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
IS = 24 A, VGS = 0 V
0.85
1
V
Qrr
Reverse recovery charge
VDD = 12.5 V, IF = 24 A, di/dt = 300 A/μs
21
nC
trr
Reverse recovery time
VDD = 12.5 V, IF = 24 A, di/dt = 300 A/μs
16
ns
(1)
RθJC is determined with the device mounted on a 1-in
2 (6.45-cm2), 2-oz (0.071-mm) thick Cu pad on a 1.5-in × 1.5-in (3.81-cm × 3.81-
cm), 0.06-in (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
1.7
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
55
°C/W


Similar Part No. - CSD16327Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD16327Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI-CSD16570Q5B_15 Datasheet
920Kb / 15P
[Old version datasheet]   CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com