Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD16327Q3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16327Q3
Description  25-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16327Q3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD16327Q3 Datasheet HTML 1Page - Texas Instruments CSD16327Q3 Datasheet HTML 2Page - Texas Instruments CSD16327Q3 Datasheet HTML 3Page - Texas Instruments CSD16327Q3 Datasheet HTML 4Page - Texas Instruments CSD16327Q3 Datasheet HTML 5Page - Texas Instruments CSD16327Q3 Datasheet HTML 6Page - Texas Instruments CSD16327Q3 Datasheet HTML 7Page - Texas Instruments CSD16327Q3 Datasheet HTML 8Page - Texas Instruments CSD16327Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
D007
TC = 25qC, ID = 24 A
TC = 125qC, ID = 24 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
D004
ID = 24 A
VDS = 12.5 V
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD16327Q3
SLPS371A – DECEMBER 2011 – REVISED SEPTEMBER 2016
CSD16327Q3 25-V N-Channel NexFET™ Power MOSFET
1
1 Features
1
Optimized for 5-V Gate Drive
Ultra-Low Qg and Qgd
Low Thermal Resistance
Avalanche Rated
Lead-Free Terminal Plating
RoHS Compliant
Halogen Free
SON 3.3-mm × 3.3-mm Plastic Package
2 Applications
Point-of-Load Synchronous Buck Converter for
Applications in Networking, Telecom and
Computing Systems
Optimized for Control or Synchronous FET
Applications
3 Description
This
25-V,
3.4-m
Ω,
SON
3.3-mm
×
3.3-mm
NexFET™ power MOSFET has been designed to
minimize losses in power conversion and optimized
for 5-V gate drive applications.
Top View
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
25
V
Qg
Gate Charge Total (4.5 V)
6.2
nC
Qgd
Gate Charge Gate-to-Drain
1.1
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 3 V
5
m
VGS = 4.5 V
4
VGS = 8 V
3.4
VGS(th)
Threshold Voltage
1.2
V
.
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD16327Q3
13-Inch Reel
2500
SON
3.30-mm × 3.30-mm
Plastic Package
Tape
and
Reel
CSD16327Q3T
7-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
25
V
VGS
Gate-to-Source Voltage
+10 / –8
V
ID
Continuous Drain Current (Package Limited)
60
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
112
Continuous Drain Current(1)
22
IDM
Pulsed Drain Current(2)
240
A
PD
Power Dissipation(1)
2.8
W
Power Dissipation, TC = 25°C
74
TJ,
Tstg
Operating Junction Temperature,
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse
ID = 50 A, L = 0.1 mH, RG = 25 Ω
125
mJ
(1) Typical RθJA = 45°C/W on 1-in
2 Cu (2 oz) on 0.06-in thick FR4
PCB.
(2) Max RθJC = 1.7°C/W pulse width ≤100 μs, duty cycle ≤1%.
RDS(on) vs VGS
Gate Charge


Similar Part No. - CSD16327Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD16327Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI-CSD16570Q5B_15 Datasheet
920Kb / 15P
[Old version datasheet]   CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com