Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8702-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8702-Q1
Description  Automotive H-Bridge Gate Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8702-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8702-Q1 Datasheet HTML 1Page - Texas Instruments DRV8702-Q1 Datasheet HTML 2Page - Texas Instruments DRV8702-Q1 Datasheet HTML 3Page - Texas Instruments DRV8702-Q1 Datasheet HTML 4Page - Texas Instruments DRV8702-Q1 Datasheet HTML 5Page - Texas Instruments DRV8702-Q1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Oct-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
DRV8702QRHBRQ1
PREVIEW
VQFN
RHB
32
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
DRV8702
DRV8702QRHBTQ1
PREVIEW
VQFN
RHB
32
250
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
DRV8702
DRV8703QRHBRQ1
PREVIEW
VQFN
RHB
32
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
DRV8703
DRV8703QRHBTQ1
PREVIEW
VQFN
RHB
32
250
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
DRV8703
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - DRV8702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8702D-Q1 TI1-DRV8702D-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   Automotive Half-Bridge Gate Driver
DRV8702DQRHBRQ1 TI1-DRV8702DQRHBRQ1 Datasheet
1Mb / 66P
[Old version datasheet]   Automotive Half-Bridge Gate Driver
DRV8702DQRHBTQ1 TI1-DRV8702DQRHBTQ1 Datasheet
1Mb / 66P
[Old version datasheet]   Automotive Half-Bridge Gate Driver
More results

Similar Description - DRV8702-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
   H-bridge gate driver for automotive applications
February 2021 Rev 6
logo
Motorola, Inc
MC33186 MOTOROLA-MC33186 Datasheet
858Kb / 12P
   Automotive H-Bridge Driver
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
logo
Rohm
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
logo
Texas Instruments
DRV8873-Q1 TI1-DRV8873-Q1 Datasheet
170Kb / 8P
[Old version datasheet]   Automotive H-Bridge Motor Driver
DRV8873-Q1 TI1-DRV8873-Q1_18 Datasheet
173Kb / 8P
[Old version datasheet]   Automotive H-Bridge Motor Driver
DRV8702D-Q1 TI1-DRV8702D-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   Automotive Half-Bridge Gate Driver
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com