Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280MB810ZBLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS280MB810ZBLR
Description  Low Power 28 Gbps 8 Channel Linear Repeater
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280MB810ZBLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS280MB810ZBLR Datasheet HTML 2Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 3Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 4Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 5Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 6Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 7Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 8Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 9Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-Oct-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
DS280MB810ZBLR
ACTIVE
NFBGA
ZBL
135
1000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
-40 to 85
DS280MB8
DS280MB810ZBLT
ACTIVE
NFBGA
ZBL
135
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
-40 to 85
DS280MB8
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - DS280MB810ZBLR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS2801 TTELEC-DS2801 Datasheet
506Kb / 2P
   PFT Hydrostatic Level Sensor
DS2804 TTELEC-DS2804 Datasheet
1Mb / 2P
   Pressure Sensit P6420-57 Abrasive Material Pressure Transmitter
DS2805 TTELEC-DS2805 Datasheet
642Kb / 3P
   HPS-A Series 4-20mA Output Pressure Transmitter
DS2806 TTELEC-DS2806 Datasheet
674Kb / 3P
   HPS-A Series Voltage Output Pressure Transducer
DS2807 TTELEC-DS2807 Datasheet
944Kb / 2P
   Pressure Sensit HPS-A Series Active mV Output Pressure Transducer
More results

Similar Description - DS280MB810ZBLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power 8 Gbps 8-Channel Linear Repeater
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com