Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ940EP Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SQJ940EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ940EP Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SQJ940EP Datasheet HTML 5Page - Vishay Siliconix SQJ940EP Datasheet HTML 6Page - Vishay Siliconix SQJ940EP Datasheet HTML 7Page - Vishay Siliconix SQJ940EP Datasheet HTML 8Page - Vishay Siliconix SQJ940EP Datasheet HTML 9Page - Vishay Siliconix SQJ940EP Datasheet HTML 10Page - Vishay Siliconix SQJ940EP Datasheet HTML 11Page - Vishay Siliconix SQJ940EP Datasheet HTML 12Page - Vishay Siliconix SQJ940EP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 01-Jul-16
1
Document Number: 65804
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8L
Ordering codes for the SQ rugged series power MOSFETs in the PowerPAK SO-8L package:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQJ200EP
-
SQJ200EP-T1_GE3
SQJ202EP
-
SQJ202EP-T1_GE3
SQJ401EP
SQJ401EP-T1-GE3
SQJ401EP-T1_GE3
SQJ402EP
SQJ402EP-T1-GE3
SQJ402EP-T1_GE3
SQJ403EEP
SQJ403EEP-T1-GE3
SQJ403EEP-T1_GE3
SQJ403EP
-
SQJ403EP-T1_GE3
SQJ410EP
SQJ410EP-T1-GE3
SQJ410EP-T1_GE3
SQJ412EP
SQJ412EP-T1-GE3
SQJ412EP-T1_GE3
SQJ416EP
-
SQJ416EP-T1_GE3
SQJ418EP
-
SQJ418EP-T1_GE3
SQJ422EP
SQJ422EP-T1-GE3
SQJ422EP-T1_GE3
SQJ423EP
-
SQJ423EP-T1_GE3
SQJ431EP
SQJ431EP-T1-GE3
SQJ431EP-T1_GE3
SQJ443EP
SQJ443EP-T1-GE3
SQJ443EP-T1_GE3
SQJ444EP
-
SQJ444EP-T1_GE3
SQJ446EP
-
SQJ446EP-T1_GE3
SQJ456EP
SQJ456EP-T1-GE3
SQJ456EP-T1_GE3
SQJ457EP
-
SQJ457EP-T1_GE3
SQJ459EP
-
SQJ459EP-T1_GE3
SQJ460AEP
-
SQJ460AEP-T1_GE3
SQJ461EP
SQJ461EP-T1-GE3
SQJ461EP-T1_GE3
SQJ463EP
SQJ463EP-T1-GE3
SQJ463EP-T1_GE3
SQJ465EP
SQJ465EP-T1-GE3
SQJ465EP-T1_GE3
SQJ469EP
SQJ469EP-T1-GE3
SQJ469EP-T1_GE3
SQJ474EP
-
SQJ474EP-T1_GE3
SQJ476EP
-
SQJ476EP-T1_GE3
SQJ479EP
-
SQJ479EP-T1_GE3
SQJ486EP
SQJ486EP-T1-GE3
SQJ486EP-T1_GE3
SQJ488EP
SQJ488EP-T1-GE3
SQJ488EP-T1_GE3
SQJ500AEP
SQJ500AEP-T1-GE3
SQJ500AEP-T1_GE3
SQJ840EP
SQJ840EP-T1-GE3
SQJ840EP-T1_GE3
SQJ844AEP
SQJ844AEP-T1-GE3
SQJ844AEP-T1_GE3
SQJ850EP
SQJ850EP-T1-GE3
SQJ850EP-T1_GE3
SQJ858AEP
SQJ858AEP-T1-GE3
SQJ858AEP-T1_GE3
SQJ868EP
-
SQJ868EP-T1_GE3
SQJ886EP
SQJ886EP-T1-GE3
SQJ886EP-T1_GE3
SQJ910AEP
SQJ910AEP-T1-GE3
SQJ910AEP-T1_GE3
SQJ912AEP
SQJ912AEP-T1-GE3
SQJ912AEP-T1_GE3
SQJ940EP
SQJ940EP-T1-GE3
SQJ940EP-T1_GE3
SQJ942EP
SQJ942EP-T1-GE3
SQJ942EP-T1_GE3
SQJ951EP
SQJ951EP-T1-GE3
SQJ951EP-T1_GE3
SQJ952EP
-
SQJ952EP-T1_GE3
SQJ956EP
SQJ956EP-T1-GE3
SQJ956EP-T1_GE3
SQJ960EP
SQJ960EP-T1-GE3
SQJ960EP-T1_GE3
SQJ963EP
SQJ963EP-T1-GE3
SQJ963EP-T1_GE3
SQJ968EP
SQJ968EP-T1-GE3
SQJ968EP-T1_GE3
SQJ980AEP
SQJ980AEP-T1-GE3
SQJ980AEP-T1_GE3
SQJ992EP
SQJ992EP-T1-GE3
SQJ992EP-T1_GE3


Similar Part No. - SQJ940EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ940EP VISHAY-SQJ940EP Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ940EP-T1-GE3 VISHAY-SQJ940EP-T1-GE3 Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
SQJ940EP VISHAY-SQJ940EP_V01 Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
More results

Similar Description - SQJ940EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ202EP VISHAY-SQJ202EP_V01 Datasheet
360Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com