Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ942EP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJ942EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ942EP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJ942EP Datasheet HTML 1Page - Vishay Siliconix SQJ942EP Datasheet HTML 2Page - Vishay Siliconix SQJ942EP Datasheet HTML 3Page - Vishay Siliconix SQJ942EP Datasheet HTML 4Page - Vishay Siliconix SQJ942EP Datasheet HTML 5Page - Vishay Siliconix SQJ942EP Datasheet HTML 6Page - Vishay Siliconix SQJ942EP Datasheet HTML 7Page - Vishay Siliconix SQJ942EP Datasheet HTML 8Page - Vishay Siliconix SQJ942EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SQJ202EP
www.vishay.com
Vishay Siliconix
S15-2474-Rev. A, 19-Oct-15
3
Document Number: 62926
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Turn-On Delay Time c
td(on)
VDD = 6 V, RL = 0.3
Ω
ID
≅ 20 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 1
-
8.8
13.5
ns
VDD = 6 V, RL = 0.1
Ω
ID
≅ 60 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 2
-
10.7
16.5
Rise Time c
tr
VDD = 6 V, RL = 0.3
Ω
ID
≅ 20 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 1
-
3.2
5
VDD = 6 V, RL = 0.1
Ω
ID
≅ 60 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 2
-
4.5
7
Turn-Off Delay Time c
td(off)
VDD = 6 V, RL = 0.3
Ω
ID
≅ 20 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 1
-
20
30
VDD = 6 V, RL = 0.1
Ω
ID
≅ 60 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 2
-
28
42
Fall Time c
tf
VDD = 6 V, RL = 0.3
Ω
ID
≅ 20 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 1
-
2.6
4
VDD = 6 V, RL = 0.1
Ω
ID
≅ 60 A, VGEN = 10 V, Rg = 1 Ω
N-Ch 2
-
5
8
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
N-Ch 1
-
-
80
A
N-Ch 2
-
-
180
Forward Voltage
VSD
IF = 10 A, VGS = 0 V
N-Ch 1
-
0.8
1.2
V
IF = 20 A, VGS = 0 V
N-Ch 2
-
0.8
1.2


Similar Part No. - SQJ942EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
More results

Similar Description - SQJ942EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ202EP VISHAY-SQJ202EP_V01 Datasheet
360Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com