Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP1S-17S-202-Z Datasheet(PDF) 10 Page - Copal Electronics

Part # LP1S-17S-202-Z
Description  Illuminated Pushbutton Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP1S-17S-202-Z Datasheet(HTML) 10 Page - Copal Electronics

Back Button LP1S-17S-202-Z Datasheet HTML 6Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 7Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 8Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 9Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 10Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 11Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 12Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 13Page - Copal Electronics LP1S-17S-202-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
■Table of Part Numbers
LED
Color
Cap size
SW
Red
★ LP1S−L2−Z
★ LP1W−L2−Z
Green
★ LP1S−L5−Z
★ LP1W−L5−Z
Yellow
★ LP1S−L8−Z
★ LP1W−L8−Z
Red
★ LP2S−L2−Z
★ LP2W−L2−Z
Green
★ LP2S−L5−Z
★ LP2W−L5−Z
Yellow
★ LP2S−L8−Z
★ LP2W−L8−Z
・Indicators are not UL recognized or CSA certiÄed.
■LED Circuit
LP1S
LP2S
LP1W
LP2W
Indicator
LP
(Illuminated)
LP2S
−L2/L5/L8−Z
LP1S
−L2/L5/L8−Z
LP2W
−L2/L5/L8−Z
LP1W
−L2/L5/L8−Z
★:Made to order products.


Similar Part No. - LP1S-17S-202-Z

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LP1SK0600BD SCHNEIDER-LP1SK0600BD Datasheet
140Kb / 3P
   TeSys SK - mini contactor - 2P (2 NO) - AC-1 - 690 V 12 A - 24 V DC coil
More results

Similar Description - LP1S-17S-202-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com