Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1HQ-3N6S-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # C1HQ-3N6S-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1HQ-3N6S-10 Datasheet(HTML) 5 Page - Superworld Electronics

  C1HQ-3N6S-10 Datasheet HTML 1Page - Superworld Electronics C1HQ-3N6S-10 Datasheet HTML 2Page - Superworld Electronics C1HQ-3N6S-10 Datasheet HTML 3Page - Superworld Electronics C1HQ-3N6S-10 Datasheet HTML 4Page - Superworld Electronics C1HQ-3N6S-10 Datasheet HTML 5Page - Superworld Electronics C1HQ-3N6S-10 Datasheet HTML 6Page - Superworld Electronics C1HQ-3N6S-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
28.01.2015
C1HQ SERIES
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 3.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Figure 3
ReC0mmendable
Upper limit
8-3. Solder Volume
CERAMIC CHIP INDUCTORS
Minimum fillet height = soldering thickness + 25% product height


Similar Part No. - C1HQ-3N6S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1HQ-3N6S-10 SUPERWORLD-C1HQ-3N6S-10 Datasheet
182Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1HQ-3N6S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com