Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6C598CQDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6C598CQDRQ1
Description  Power Logic 8-Bit Shift Register LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6C598CQDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLC6C598CQDRQ1 Datasheet HTML 1Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 2Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 3Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 4Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 5Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 6Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 7Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 8Page - Texas Instruments TLC6C598CQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
30 mA
30 mA
4/3
8-Bit Shift Register
LED Driver
MCU Serial I/F
Battery 9 V–40 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC6C598-Q1
SLIS142D – DECEMBER 2012 – REVISED SEPTEMBER 2016
TLC6C598-Q1 Power Logic 8-Bit Shift Register LED Driver
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C3B
Wide Vcc From 3 V to 5.5 V
Output Maximum Rating of.40 V
Eight Power DMOS Transistor Outputs of 50-mA
Continuous Current With VCC = 5 V
Thermal Shutdown Protection
Enhanced Cascading for Multiple Stages
All Registers Cleared With Single Input
Low Power Consumption
Slow Switching Time (tr and tf), Which Helps
Significantly With Reducing EMI
16-Pin TSSOP-PW Package
16-Pin SOIC-D Package
2 Applications
Instrumentation Cluster
Tell-Tale Lamps
LED Illumination and Control
Typical Application Schematic
3 Description
The TLC6C598-Q1 is a monolithic, medium-voltage,
low-current power 8-bit shift register designed for use
in systems that require relatively moderate load
power, such as LEDs.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the shift-
register clock (SRCK) and the register clock (RCK),
respectively. The storage register transfers data to
the output buffer when shift register clear (CLR) is
high. A low on CLR clears all registers in the device.
Holding the output enable (G) high, holds all data in
the output buffers low, and all drain outputs are off.
Holding G low makes data from the storage register
transparent to the output buffers. When data in the
output buffers is low, the DMOS transistor outputs are
off. When data is high, the DMOS transistor outputs
have sink-current capability. The serial output (SER
OUT) clocks out of the device on the falling edge of
SRCK to provide additional hold time for cascaded
applications. This provides improved performance for
applications where clock signals may be skewed,
devices are not located near one another, or the
system must tolerate electromagnetic interference.
The
device
contains
built-in
thermal
shutdown
protection.
Outputs are low-side, open-drain DMOS transistors
with output ratings of 40 V and 50 mA continuous
sink-current capabilities when Vcc = 5 V. The current
limit decreases as the junction temperature increases
for additional device protection. The device also
provides up to 2000 V of ESD protection when tested
using the human-body model and 200 V when using
the machine model.
The
TLC6C598-Q1
characterization
is
for
for
operation over the operating ambient temperature
range of
−40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC6C598-Q1
SOIC (16)
9.90 mm x 3.91 mm
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.


Similar Part No. - TLC6C598CQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598 TI1-TLC6C598 Datasheet
903Kb / 23P
[Old version datasheet]   TLC6C598 8-Bit Shift-Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598PWR TI1-TLC6C598PWR Datasheet
903Kb / 23P
[Old version datasheet]   TLC6C598 8-Bit Shift-Register LED Driver
TLC6C598QDRQ1 TI-TLC6C598QDRQ1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
More results

Similar Description - TLC6C598CQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com