Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C43646AV-15AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C43646AV-15AC
Description  3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C43646AV-15AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C43646AV-15AC Datasheet HTML 1Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C43646AV-15AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CY7C43646AV
CY7C43666AV
CY7C43686AV
Document #: 38-06026 Rev. *C
Page 3 of 40
Functional Description
The CY7C436X6AV is a monolithic, high-speed, low-power,
CMOS Bidirectional Synchronous FIFO memory that supports
clock frequencies up to 133 MHz and has Read access times
as fast as 6 ns. Two independent 1K/4K/16K × 36 dual-port
SRAM FIFOs on board each chip buffer data in opposite direc-
tions.
The CY7C436X6AV is a synchronous (clocked) FIFO,
meaning each port employs a synchronous interface. All data
transfers through a port are gated to the LOW-to-HIGH
transition of a port clock by enable signals. The clocks for each
port are independent of one another and can be asynchronous
or coincident. The enables for each port are arranged to
provide a simple bidirectional interface between micropro-
cessors and/or buses with synchronous control.
Communication between each port may bypass the FIFOs via
two mailbox registers. The mailbox registers’ width matches
the selected Port B or Port C bus width. Each mailbox register
has a flag (MBF1 and MBF2) to signal when new mail has
been stored. Two kinds of reset are available on the
CY7C436X6AV: Master Reset and Partial Reset. Master
Reset initializes the Read and Write pointers to the first
location of the memory array, configures the FIFO for Big or
Little Endian byte arrangement and selects serial flag
programming, parallel flag programming, or one of the three
possible default flag offset settings, 8, 16, or 64. Each FIFO
has its own independent Master Reset pin, MRS1 and MRS2.
Partial Reset also sets the Read and Write pointers to the first
location of the memory. Unlike Master Reset, any settings
existing prior to Partial Reset (i.e., programming method and
partial flag default offsets) are retained. Partial Reset is useful
since it permits flushing of the FIFO memory without changing
any
configuration
settings.
Each
FIFO
has
its
own
independent Partial Reset pin, PRS1 and PRS2.
The CY7C436X6AV have two modes of operation CY
standard mode and FWFT mode: In the CY Standard mode,
the first word written to an empty FIFO is deposited into the
memory array. A Read operation is required to access that
word (along with all other words residing in memory). In the
First-Word Fall-Through Mode (FWFT), the first long-word
(36-bit wide) written to an empty FIFO appears automatically
on the outputs, no Read operation required (nevertheless,
accessing subsequent words does necessitate a formal Read
request). The state of the FWFT/STAN pin during FIFO
operation determines the mode in use.
Each FIFO has a combined Empty/Output Ready Flag
(EFA/ORA and EFB/ORB) and a combined Full/Input Ready
Flag (FFA/IRA and FFC/IRC). The EF and FF functions are
selected in the CY Standard mode. EF indicates whether the
memory is empty or not. FF indicates whether the memory is
full or not. The IR and OR functions are selected in the First
Word Fall-Through Mode. IR indicates whether or not the FIFO
has available memory locations. OR shows whether the FIFO
has data available for reading or not. It marks the presence of
valid data on the outputs.
Each FIFO has a programmable Almost Empty flag (AEA and
AEB) and a programmable Almost Full flag (AFA and AFC).
AEA and AEB indicate when a selected number of words read
from the FIFO memory achieve a predetermined “almost
empty state.” AFA and AFC indicate when a selected number
of words written to the memory achieve a predetermined
“almost full state” (see note 61).
IRA, IRC, AFA, and AFC are synchronized to the port clock
that writes data into its array. ORA, ORB, AEA, and AEB are
synchronized to the port clock that reads data from its array.
Programmable offset for AEA, AEB, AFA, and AFC are loaded
in parallel using Port A or in serial via the SD input. Three
default offset settings are also provided. The AEA and AEB
threshold can be set at 8, 16, or 64 locations from the empty
boundary and AFA and AFC threshold can be set at 8, 16, or
64 locations from the full boundary. All these choices are made
using the FS0 and FS1 inputs during Master Reset.
Two or more devices may be used in parallel to create wider
data paths. Such a width expansion requires no additional
external logic.
The CY7C436X6AV FIFOs are characterized for operation
from 0°C – 70°C commercial, and from –40°C – 85°C indus-
trial. Input ESD protection is greater than 2001V, and latch-up
is prevented by the use of guard rings.
Selection Guide
CY7C43646/66/86AV
–7
CY7C43646/66/86AV-
–10
CY7C43646/66/86AV
–15
Unit
Maximum Frequency
133
100
66.7
MHz
Maximum Access Time
6
8
10
ns
Minimum Cycle Time
7.5
10
15
ns
Minimum Data or Enable Set-Up
3
4
5
ns
Minimum Data or Enable Hold
0
0
0
ns
Maximum Flag Delay
6
8
10
ns
Active Power Supply
Current (ICC1)
Commercial
60
60
60
mA
Industrial
60
CY7C43646AV
CY7C43666AV
CY7C43686AV
Density
1K × 36/×18 ×2
4K × 36/×18 ×2
16K × 36/×18 ×2
Package
128 TQFP
128 TQFP
128 TQFP


Similar Part No. - CY7C43646AV-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43646 CYPRESS-CY7C43646 Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43646-10AC CYPRESS-CY7C43646-10AC Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43646-15AC CYPRESS-CY7C43646-15AC Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43646-7AC CYPRESS-CY7C43646-7AC Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
More results

Similar Description - CY7C43646AV-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43646 CYPRESS-CY7C43646 Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43663AV CYPRESS-CY7C43663AV Datasheet
481Kb / 28P
   3.3V 1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543601 SHARP-LH543601 Datasheet
360Kb / 43P
   256 x 36 x 2 Bidirectional FIFO
logo
Cypress Semiconductor
CY7C43642AV CYPRESS-CY7C43642AV Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644AV CYPRESS-CY7C43644AV Datasheet
653Kb / 37P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com