Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2316IDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2316IDR
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2316IDR Datasheet(HTML) 5 Page - Texas Instruments

  TLV2316IDR Datasheet HTML 1Page - Texas Instruments TLV2316IDR Datasheet HTML 2Page - Texas Instruments TLV2316IDR Datasheet HTML 3Page - Texas Instruments TLV2316IDR Datasheet HTML 4Page - Texas Instruments TLV2316IDR Datasheet HTML 5Page - Texas Instruments TLV2316IDR Datasheet HTML 6Page - Texas Instruments TLV2316IDR Datasheet HTML 7Page - Texas Instruments TLV2316IDR Datasheet HTML 8Page - Texas Instruments TLV2316IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
A
B
D
C
5
TLV316, TLV2316, TLV4316
www.ti.com
SBOS752A – FEBRUARY 2016 – REVISED SEPTEMBER 2016
Product Folder Links: TLV316 TLV2316 TLV4316
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
D, PW Packages
14-Pin SOIC, TSSOP
Top View
Pin Functions: TLV4316
PIN
I/O
DESCRIPTION
NO.
NAME
2
–IN A
I
Inverting input, channel A
3
+IN A
I
Noninverting input, channel A
6
–IN B
I
Inverting input, channel B
5
+IN B
I
Noninverting input, channel B
9
–IN C
I
Inverting input, channel C
10
+IN C
I
Noninverting input, channel C
13
–IN D
I
Inverting input, channel D
12
+IN D
I
Noninverting input, channel D
1
OUT A
O
Output, channel A
7
OUT B
O
Output, channel B
8
OUT C
O
Output, channel C
14
OUT D
O
Output, channel D
11
V–
Negative (lowest) supply or ground (for single-supply operation)
4
V+
Positive (highest) supply


Similar Part No. - TLV2316IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2316IDR TI1-TLV2316IDR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results

Similar Description - TLV2316IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com