Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK5U4UFE0D-E Datasheet(PDF) 7 Page - ON Semiconductor

Part # STK5U4UFE0D-E
Description  Intelligent Power Module (IPM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5U4UFE0D-E Datasheet(HTML) 7 Page - ON Semiconductor

Back Button STK5U4UFE0D-E Datasheet HTML 3Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 4Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 5Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 6Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 7Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 8Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 9Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 10Page - ON Semiconductor STK5U4UFE0D-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STK5U4UFE0D-E
www.onsemi.com
7
APPLICATIONS INFORMATION
Logic and Protection Timing Chart
Figure 4. Logic and Protection Timing Chart
Notes
1.
The VD supply undervoltage protection the module when the pre-driver supply voltage falls due to an operating malfunction.
It will typically start up at 12 V (typical). The UVP circuit has typically 1 V of hysteresis and will disable the output if the
supply voltage falls below 11 V (typical). The driver power supply low voltage protection turns off the gate and will
automatically reset when recovering to normal voltage. It does not depend on input signal voltage.
2.
The three high-side and three low-side gate driver ICs have their own separate undervoltage protection which functions
independently of the other phases. For the low-side drivers, there is one combined fault output; it is therefore not possible to
determine which output has caused the desaturation fault. The fault condition is cleared as soon as the input signal is set
HIGH (off state, negative logic levels).
3.
When using the over-current protection with an external shunt resistor, please set the current protection level to be less than
or equal to the peak output current rating (Iop).
Input / Output Logic Table
Protected
Operation
IGBT output
Fault output
High side
Low side
High side
Low
side
U
V
W
U
V
W
U
V
W
High side - U
UVP
OFF
-
-
-
-
-
Low
Low
Low
Low
DESATP
OFF
-
-
-
-
-
High
Low
Low
Low
High side - V
UVP
-
OFF
-
-
-
-
Low
Low
Low
Low
DESATP
-
OFF
-
-
-
-
Low
High
Low
Low
High side - W
UVP
-
-
OFF
-
-
-
Low
Low
Low
Low
DESATP
-
-
OFF
-
-
-
Low
Low
High
Low
Low side - U
UVP
-
-
-
OFF
OFF
OFF
Low
Low
Low
Low
DESATP
-
-
-
OFF
-
-
Low
Low
Low
High
Low side - V
UVP
-
-
-
OFF
OFF
OFF
Low
Low
Low
Low
DESATP
-
-
-
-
OFF
-
Low
Low
Low
High
Low side - W
UVP
-
-
-
OFF
OFF
OFF
Low
Low
Low
Low
DESATP
-
-
-
-
-
OFF
Low
Low
Low
High
*) - (hyphen) follows the actual input signals using negative logic (e.g. LINU = LOW turns on the low-side U phase IGBT).
ON
OFF
/VIN
Internal
DESAT
Voltage
Output
current
OFF
ON
DESATP protection reset signal
VD supply undervoltage positive going threshold (reset)
VD
Fault
output
DESATP threshold
Desaturation protection blanking time


Similar Part No. - STK5U4UFE0D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5U4UF90D-E ONSEMI-STK5U4UF90D-E Datasheet
593Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results

Similar Description - STK5U4UFE0D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com