Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3542 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3542
Description  200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3542 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3542 Datasheet HTML 5Page - Texas Instruments TLV3542 Datasheet HTML 6Page - Texas Instruments TLV3542 Datasheet HTML 7Page - Texas Instruments TLV3542 Datasheet HTML 8Page - Texas Instruments TLV3542 Datasheet HTML 9Page - Texas Instruments TLV3542 Datasheet HTML 10Page - Texas Instruments TLV3542 Datasheet HTML 11Page - Texas Instruments TLV3542 Datasheet HTML 12Page - Texas Instruments TLV3542 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1000M
Frequency (Hz)
C004
R
L = 10 kŸ
R
L = 50 Ÿ
R
L = 100 Ÿ
R
L = 1 kŸ
-15
-12
-9
-6
-3
0
3
6
9
100k
1M
10M
100M
1000M
Frequency (Hz)
C004
C
L = 100 pF
C
L = 47 pF
C
L = 5 pF
Time (20ns/div)
Time (20ns/div)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1000M
Frequency (Hz)
C004
G = +1
G = +2
G = +5
G = +10
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
G = 1
-
G = 5
-
G = 10
-
G = 2
-
V = 10 mV , R = 604
O
F
pp
W
9
TLV3541, TLV3542, TLV3544
www.ti.com
SBOS756 – OCTOBER 2016
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, VS = 5 V, G = +1, RF = 0 Ω, RL = 1 kΩ, and connected to VS / 2, unless otherwise noted.
RF = 604 Ω
VO = 10 mVpp
Figure 2. Noninverting Small-Signal Frequency Response
Figure 3. Inverting Small-Signal Frequency Response
Figure 4. Noninverting Small-Signal Step Response
Figure 5. Noninverting Large-Signal Step Response
G = +1, RF = 0 Ω
VO = 10 mVpp
CL = 0 pF
Figure 6. Frequency Response for Various RL
G = +1, RS = 0 Ω
VO = 10 mVpp
Figure 7. Frequency Response for Various CL


Similar Part No. - TLV3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3542 TI1-TLV3542 Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDGKR TI1-TLV3542IDGKR Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDGKT TI1-TLV3542IDGKT Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDR TI1-TLV3542IDR Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541 TI1-TLV3541_16 Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com