Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5110-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5110-Q1
Description  AEC-Q100 Nano-Power System Timer with Watchdog Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPL5110-Q1 Datasheet HTML 1Page - Texas Instruments TPL5110-Q1 Datasheet HTML 2Page - Texas Instruments TPL5110-Q1 Datasheet HTML 3Page - Texas Instruments TPL5110-Q1 Datasheet HTML 4Page - Texas Instruments TPL5110-Q1 Datasheet HTML 5Page - Texas Instruments TPL5110-Q1 Datasheet HTML 6Page - Texas Instruments TPL5110-Q1 Datasheet HTML 7Page - Texas Instruments TPL5110-Q1 Datasheet HTML 8Page - Texas Instruments TPL5110-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
TPL5010-Q1
SNAS679 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TPL5010-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ...................... 4
7.4
Thermal Information ................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Timing Requirements ............................................... 6
7.7
Typical Characteristics .............................................. 7
8
Detailed Description .............................................. 8
8.1
Overview ................................................................... 8
8.2
Functional Block Diagram ......................................... 8
8.3
Feature Description................................................... 8
8.4
Device Functional Modes.......................................... 9
8.5
Programming ............................................................ 9
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Application ................................................. 15
10
Power Supply Recommendations ..................... 17
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Example .................................................... 17
12
Device and Documentation Support ................. 18
12.1
Receiving Notification of Documentation Updates 18
12.2
Community Resources.......................................... 18
12.3
Trademarks ........................................................... 18
12.4
Electrostatic Discharge Caution ............................ 18
12.5
Glossary ................................................................ 18
13
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
DATE
REVISION
NOTES
September 2016
*
Initial release.
5 Device Comparison Table
TPL5x10Q Family of AEC-Q100 Nano- Power System Timers
PART NUMBER
SUPPLY CURRENT (Typ)
SPECIAL FEATURES
TPL5010-Q1
35 nA
Low Power Timer
Watchdog Function
Programmable Delay Range
Manual Reset
TPL5110-Q1
35 nA
Low Power Timer
MOS-Driver
Programmable Delay Range
Manual Reset
One-Shot Feature


Similar Part No. - TPL5110-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

Similar Description - TPL5110-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
   Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com