Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK541UC60C-E Datasheet(PDF) 8 Page - ON Semiconductor

Part # STK541UC60C-E
Description  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK541UC60C-E Datasheet(HTML) 8 Page - ON Semiconductor

Back Button STK541UC60C-E Datasheet HTML 4Page - ON Semiconductor STK541UC60C-E Datasheet HTML 5Page - ON Semiconductor STK541UC60C-E Datasheet HTML 6Page - ON Semiconductor STK541UC60C-E Datasheet HTML 7Page - ON Semiconductor STK541UC60C-E Datasheet HTML 8Page - ON Semiconductor STK541UC60C-E Datasheet HTML 9Page - ON Semiconductor STK541UC60C-E Datasheet HTML 10Page - ON Semiconductor STK541UC60C-E Datasheet HTML 11Page - ON Semiconductor STK541UC60C-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
STK541UC60C-E
www.onsemi.com
8
Input / Output Timing Chart
Fig.7
Notes
*1 : Diagram shows the prevention of shoot-through via control logic. More deadtime to account for switching delay needs to be added
externally.
*2 : If lower VDD drops all gate output signals will go low and cut off all of 6 IGBT outputs. part. When VDD rises the operation will resume
immediately.
*3 : When the upper side gate voltage at VB1, VB2 and VB3 drops only the corresponding upper side output is turned off. The outputs
return to normal operation immediately after the upper side gat voltage rises.
*4 : In case of over current detection all IGBT’s are turned off and the FAULT output is asserted. Normal operation resumes in 6 to 12ms
after the over current condition is removed.
ON
OFF
HIN1,2,3
LIN1,2,3
N terminal
(BUS line)
Current
Upper
U, V, W
Lower
U ,V, W
VB1,2,3
*1
*1
OFF
ON
*2
*3
VBS undervoltage protection reset signal
VDD undervoltage protection reset voltage
-------------------------------------------------------ISD operation current level-------------------------------------------------------
Automatically reset after protection
(typ.9ms)
*4
VDD
VBS undervoltage protection reset voltage
FAULT terminal
Voltage
(at pulled-up)


Similar Part No. - STK541UC60C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
More results

Similar Description - STK541UC60C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com