Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73HD301PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73HD301PWPR
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73HD301PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73HD301PWPR Datasheet HTML 6Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 7Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 8Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 9Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 10Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 11Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 12Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 13Page - Texas Instruments TPS73HD301PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
IQ
Quiescent current
vs Load current
5
IQ
Quiescent current
vs Input voltage
6
VDO
Dropout voltage
Adjustable regulator
vs Load current
7
VDO
Dropout voltage
3.3-V regulator
vs Load current
8
∆VDO
Change in dropout voltage
vs Free-air temperature
9
VDO
Dropout voltage
vs Output current
10
∆VO
Change in output voltage
vs Free-air temperature
11
VO
Output voltage
vs Input voltage
12
Line regulation
13
VO
Output voltage
vs Output current
14, 15
Output voltage response from enable (EN)
16
Load transient response
Adjustable regulator
17
Load transient response
3.3-V regulator
18
Line transient response
Adjustable regulator
19
Line transient response
3.3-V regulator
20
Ripple rejection
vs Frequency
21
Output spectral noise density
vs Frequency
22
vs Output current
23
Adjustable regulator
vs Added ceramic capacitance
24
Compensation series resistance (CSR)
Adjustable regulator
vs Output current
25
Compensation series resistance (CSR)
3.3-V regulator
vs Output current
26
Adjustable regulator
vs Added ceramic capacitance
27
3.3-V regulator
vs Added ceramic capacitance
28
rDS(on)
Pass-element resistance
vs Input voltage
29
VI
Minimum input voltage for valid RESET
vs Free-air temperature
30
VIT−
Negative-going reset threshold
vs Free-air temperature
31
IOL(RESET) RESET output current
3.3-V regulato
vs Input voltage
32
td
Reset time delay
vs Free-air temperature
33
td
Distribution for reset delay
34


Similar Part No. - TPS73HD301PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301PWPR TI-TPS73HD301PWPR Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS73HD301PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com