Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70918QDBVRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70918QDBVRQ1
Description  150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70918QDBVRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS70918QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS70918QDBVRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Input Voltage (V)
5
10
15
20
25
30
0
0.15
0.3
0.45
0.6
0.75
0.9
TJ = 125GC
TJ = 85GC
TJ = 25GC
TJ = -40GC
Temperature (GC)
-50
0
50
100
150
0
100
200
300
400
500
600
1.2V Output
3.3V Output
6.5V Output
Input Voltage (V)
0
5
10
15
20
25
30
0
0.15
0.3
0.45
0.6
0.75
0.9
TJ = 125GC
TJ = 85GC
TJ = 25GC
TJ = -40GC
Input Voltage (V)
0
5
10
15
20
25
30
0
0.15
0.3
0.45
0.6
0.75
0.9
TJ = 125GC
TJ = 85GC
TJ = 25GC
TJ = -40GC
Output Current
0
30
60
90
120
150
0
150
300
450
600
750
TJ = 125GC
TJ = 85GC
TJ = 25GC
TJ = -40GC
Output Current
0
30
60
90
120
150
0
150
300
450
600
750
TJ = 125GC
TJ = 85GC
TJ = 25GC
TJ = -40GC
TPS709-Q1
www.ti.com
SLVSCE6B – DECEMBER 2013 – REVISED MARCH 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(nom) + 1 V
or 2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = 25°C.
Figure 19. 3.3-V Ground Pin Current vs IOUT and
Figure 20. 6.5-V Ground Pin Current vs IOUT and
Temperature
Temperature
Figure 21. 1.2-V Shutdown Current vs VIN and Temperature
Figure 22. 3.3-V Shutdown Current vs VIN and Temperature
Figure 23. 6.5-V Shutdown Current vs VIN and Temperature
Figure 24. Start-Up Time vs Temperature
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS709-Q1


Similar Part No. - TPS70918QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70918DBVR TI1-TPS70918DBVR Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70918DBVR TI1-TPS70918DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70918DBVR TI1-TPS70918DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70918DBVR TI1-TPS70918DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70918DBVR TI1-TPS70918DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70918QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com