Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70618DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70618DBVR
Description  150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70618DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS70618DBVR Datasheet HTML 1Page - Texas Instruments TPS70618DBVR Datasheet HTML 2Page - Texas Instruments TPS70618DBVR Datasheet HTML 3Page - Texas Instruments TPS70618DBVR Datasheet HTML 4Page - Texas Instruments TPS70618DBVR Datasheet HTML 5Page - Texas Instruments TPS70618DBVR Datasheet HTML 6Page - Texas Instruments TPS70618DBVR Datasheet HTML 7Page - Texas Instruments TPS70618DBVR Datasheet HTML 8Page - Texas Instruments TPS70618DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS706
www.ti.com
SBVS245A – OCTOBER 2014 – REVISED MARCH 2015
6.5 Electrical Characteristics
At TJ = –40°C to 125°C, VIN = VOUT(nom) + 1 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = 2 V, and CIN = COUT = 2.2-μF
ceramic, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
6.5
V
VOUT
Output voltage range
1.2
5.0
V
VOUT < 3.3 V
–2%
2%
VOUT(accuracy)
DC output accuracy
VOUT ≥ 3.3 V, TJ = –40°C to 85°C
–1%
1%
Line regulation
(VOUT(nom) + 1 V, 2.7 V) ≤ VIN ≤ 6.5 V
3
10
mV
ΔVOUT
VIN = VOUT(nom) + 1.5 V or 3 V (whichever is
Load regulation
20
50
mV
greater), 100 µA
≤ IOUT ≤ 150 mA
2.8 V
≤ VOUT ≤ 3.3 V, IOUT = 50 mA
295
650
mV
VDO
Dropout voltage(1)(2)
2.8 V
≤ VOUT ≤ 3.3 V, IOUT = 150 mA
975
1540
mV
I(CL)
Output current limit(3)
VOUT = 0.9 × VOUT(nom)
200
320
500
mA
IOUT = 0 mA, VOUT ≤ 3.3 V
1.3
2.55
µA
IGND
Ground pin current
IOUT = 150 mA
350
µA
ISHDN
Shutdown current
VEN ≤ 0.4 V, VIN = 2.7 V
150
nA
f = 10 Hz
80
dB
PSRR
Power-supply rejection ratio
f = 100 Hz
62
dB
f = 1 kHz
52
dB
BW = 10 Hz to 100 kHz, IOUT = 10 mA,
Vn
Output noise voltage
190
μVRMS
VIN = 2.7 V, VOUT = 1.2 V
Enable pin high (enabled)
0.9
V
VEN(HI)
Enable pin high (disabled)
0
0.4
V
IEN
EN pin current
EN = 1.0 V, VIN = 5.5 V
300
nA
Reverse current
VOUT = 3 V, VIN = VEN = 0 V
10
nA
(flowing out of IN pin)
IREV
Reverse current
VOUT = 3 V, VIN = VEN = 0 V
100
nA
(flowing into OUT pin)
Shutdown, temperature increasing
158
°C
Thermal shutdown
TSD
temperature
Reset, temperature decreasing
140
°C
Operating junction
TJ
–40
125
°C
temperature
(1)
VDO is measured with VIN = 0.98 × VOUT(nom).
(2)
Dropout is only valid when VOUT ≥ 2.8 V because of the minimum input voltage limits.
(3)
Measured with VIN = VOUT + 3 V for VOUT ≤ 2.5 V. Measured with VIN = VOUT + 2.5 V for VOUT > 2.5 V.
6.6 Timing Requirements
At TJ = –40°C to 125°C, VIN = VOUT(nom) + 1 V or 2.7 V (whichever is greater), RL = 47 Ω, VEN = 2 V, and CIN = COUT = 2.2-μF
ceramic, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
MIN
TYP
MAX
UNIT
VOUT(nom) ≤ 3.3 V
200
600
µs
tSTR
Start-up time(1)
VOUT > 3.3 V
500
1500
µs
(1)
Startup time = time from EN assertion to 0.95 × VOUT(nom) and load = 47 Ω.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS706


Similar Part No. - TPS70618DBVR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS706 TOSHIBA-TPS706 Datasheet
182Kb / 4P
   PHOTO DIODE SILICON PIN
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70618DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com