Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS728185295YZUR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS728185295YZUR
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185295YZUR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS728185295YZUR Datasheet HTML 2Page - Texas Instruments TPS728185295YZUR Datasheet HTML 3Page - Texas Instruments TPS728185295YZUR Datasheet HTML 4Page - Texas Instruments TPS728185295YZUR Datasheet HTML 5Page - Texas Instruments TPS728185295YZUR Datasheet HTML 6Page - Texas Instruments TPS728185295YZUR Datasheet HTML 7Page - Texas Instruments TPS728185295YZUR Datasheet HTML 8Page - Texas Instruments TPS728185295YZUR Datasheet HTML 9Page - Texas Instruments TPS728185295YZUR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
5
4
3
2
1
0
-1
-2
-3
-4
-5
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T =+25 C
°
J
T =+85 C
J
°
T =+125 C
°
J
10
8
6
4
2
0
-2
-4
-6
-8
-10
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T
J =+25 C
°
T =+85 C
J
°
T
J =+125 C
°
6
3
0
-3
-6
-9
-12
-15
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
J
°C
T =+25 C
°
J
T =+85 C
°
J
T =+125 C
°
J
6
3
0
-3
-6
-9
-2
-15
-18
-21
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T =+25 C
J
°
T =+85 C
J
°
T =+125 C
J
°
5
0
-5
-10
-15
-20
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T =+25 C
J
°
T =+85 C
J
°
T =+125 C
J
°
10
5
0
-5
-10
-15
-20
-25
-30
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T
°
J =
40
-
C
T =+25 C
J
°
T =+85 C
J
°
T =+125 C
J
°
TPS728xx Series
SBVS095 – AUGUST 2007
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN = VSET = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
LINE REGULATION
LINE REGULATION
IOUT = 5mA, VOUT = 0.9V (nom)
IOUT = 200mA, VOUT = 0.9V (nom)
Figure 2.
Figure 3.
LINE REGULATION
LINE REGULATION
IOUT = 5mA, VOUT = 1.85V (nom)
IOUT = 200mA, VOUT = 1.85V (nom)
Figure 4.
Figure 5.
LINE REGULATION
LINE REGULATION
IOUT = 5mA, VOUT = 3.6V (nom)
IOUT = 200mA, VOUT = 3.6V (nom)
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated


Similar Part No. - TPS728185295YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728185295YZUR TI1-TPS728185295YZUR Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185295YZUR TI1-TPS728185295YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185295YZUR TI1-TPS728185295YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185295YZUR TI1-TPS728185295YZUR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185295YZUR TI1-TPS728185295YZUR Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728185295YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com