Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73418DRVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73418DRVT
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73418DRVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73418DRVT Datasheet HTML 4Page - Texas Instruments TPS73418DRVT Datasheet HTML 5Page - Texas Instruments TPS73418DRVT Datasheet HTML 6Page - Texas Instruments TPS73418DRVT Datasheet HTML 7Page - Texas Instruments TPS73418DRVT Datasheet HTML 8Page - Texas Instruments TPS73418DRVT Datasheet HTML 9Page - Texas Instruments TPS73418DRVT Datasheet HTML 10Page - Texas Instruments TPS73418DRVT Datasheet HTML 11Page - Texas Instruments TPS73418DRVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
APPLICATION INFORMATION
Input and Output Capacitor Requirements
Feedback Capacitor Requirements
GND
EN
NR
IN
OUT
TPS734xx
Optionalbypasscapacitor
toreduceoutputnoise
andincreasePSRR.
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
V
IN
V
EN
2.2 F
Ceramic
m
V
OUT
Output Noise
GND
EN
FB
IN
OUT
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
TPS73401
2.2 F
Ceramic
m
V
IN
V
EN
R
1
R
2
C
FB
V
OUT
(R +R )
1
2
R
2
V
OUT =
´
1.208
TPS734xx
SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009 ........................................................................................................................................ www.ti.com
The TPS734xx family of LDO regulators combines
the high performance required of many RF and
Although an input capacitor is not required for
precision analog applications with ultra-low current
stability, it is good analog design practice to connect
consumption. High PSRR is provided by a high gain,
a 0.1
µF to 1µF low equivalent series resistance
high bandwidth error loop with good supply rejection
(ESR) capacitor across the input supply near the
at very low headroom (VIN – VOUT). Fixed voltage
regulator. The ground of this capacitor should be
versions provide a noise reduction pin to bypass
connected as close as the ground of output capacitor;
noise generated by the bandgap reference and to
a capacitor value of 0.1
µF is enough in this condition.
improve PSRR while a quick-start circuit fast-charges
When it is difficult to place these two ground points
this capacitor at startup. The combination of high
close together, a 1
µF capacitor is recommended.
performance and low ground current also make the
This capacitor counteracts reactive input sources and
TPS734xx
an
excellent
choice
for
portable
improves transient response, noise rejection, and
applications.
All
versions
have
thermal
and
ripple rejection. A higher-value capacitor may be
over-current protection and are fully specified from
necessary if large, fast rise-time load transients are
–40°C to +125°C.
anticipated, or if the device is located several inches
from the power source. If source impedance is not
Figure 20 shows the basic circuit connections for
sufficiently low, a 0.1
µF input capacitor may be
fixed voltage models. Figure 21 gives the connections
necessary to ensure stability.
for the adjustable output version (TPS73401). R1 and
R2 can be calculated for any output voltage using the
The TPS734xx is designed to be stable with standard
formula in Figure 21.
ceramic output capacitors of values 2.2
µF or larger.
X5R and X7R type capacitors are best because they
have minimal variation in value and ESR over
temperature. Maximum ESR of the output capacitor
should be < 1.0
Ω, so output capacitor type should be
either ceramic or conductive polymer electrolytic.
(TPS73401 only)
The feedback capacitor, CFB, shown in Figure 21 is
required for stability. For a parallel combination of R1
and R2 equal to 250kΩ, any value from 3pF to 1nF
can be used. Fixed voltage versions have an internal
30pF feedback capacitor that is quick-charged at
Figure 20. Typical Application Circuit for
start-up. The adjustable version does not have this
FIxed Voltage Versions
quick-charge circuit, so values below 5pF should be
used to ensure fast startup; values above 47pF can
be used to implement an output voltage soft-start.
Larger value capacitors also improve noise slightly.
The TPS73401 is stable in unity-gain configuration
(OUT tied to FB) without CFB.
In most LDOs, the bandgap is the dominant noise
source. If a noise reduction capacitor (CNR) is used
with the TPS734xx, the bandgap does not contribute
significantly to noise. Instead, noise is dominated by
the output resistor divider and the error amplifier
Figure 21. Typical Application Circuit for
input. To minimize noise in a given application, use a
Adjustable Voltage Versions
0.01
µF noise reduction capacitor; for the adjustable
version, smaller value resistors in the output resistor
space
divider reduce noise. A parallel combination that
gives 2
µA of divider current has the same noise
space
performance as a fixed voltage version. To further
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated


Similar Part No. - TPS73418DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73418DRVT TI-TPS73418DRVT Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73418DRVT TI1-TPS73418DRVT Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73418DRVT TI-TPS73418DRVT Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS73418DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com