Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS728330185DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS728330185DRVT
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728330185DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS728330185DRVT Datasheet HTML 1Page - Texas Instruments TPS728330185DRVT Datasheet HTML 2Page - Texas Instruments TPS728330185DRVT Datasheet HTML 3Page - Texas Instruments TPS728330185DRVT Datasheet HTML 4Page - Texas Instruments TPS728330185DRVT Datasheet HTML 5Page - Texas Instruments TPS728330185DRVT Datasheet HTML 6Page - Texas Instruments TPS728330185DRVT Datasheet HTML 7Page - Texas Instruments TPS728330185DRVT Datasheet HTML 8Page - Texas Instruments TPS728330185DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS728xx Series
SBVS095 – AUGUST 2007
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VSET = VEN = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
6.5
V
Nominal
TJ = +25°C, VSET = high/low
–2.5
+2.5
mV
VOUT
(1)
DC output accuracy
Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 6.5V,
–3.0
+3.0
%
temperature
0mA
≤ IOUT ≤ 200mA, VSET = high/low
100
μA to 200mA in 1μs,
ΔVOUT
Load transient
±60.0
mV
200mA to 100
μA in 1μs, COUT = 1μF
VO
Output voltage range
0.9
3.6
V
VOUT(NOM) + 0.5V ≤ VIN ≤ 6.5V,
ΔVO/ΔVIN
Line regulation
130
μV/V
IOUT = 5mA
ΔVO/ΔIOUT Load regulation
0mA
≤ IOUT ≤ 200mA
75
μV/mA
VDO
Dropout voltage(2)
VIN = VOUT(NOM) – 0.1V, IOUT = 200mA
230
400
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
240
340
575
mA
IOUT = 0mA
50
80
μA
IGND
Ground pin current
IOUT = 200mA
120
μA
VEN ≤ 0.4V, 2.7V ≤ VIN < 4.5V,
ISHDN
Shutdown current (IGND)
0.10
1.0
μA
TJ = –40°C to +85°C
f = 100Hz
65
dB
VIN = 3.8V,
f = 1kHz
65
dB
PSRR
Power-supply rejection ratio
VOUT = 2.8V,
f = 10kHz
55
dB
IOUT = 200mA
f = 100kHz
40
dB
BW = 100Hz to 100kHz, VIN = 3.3V,
VN
Output noise voltage
75
× V
OUT
μVRMS
VOUT = 2.8V, IOUT = 10mA
Transition time (low-to-high)
VOUT_LOW = 1.8V, VOUT_HIGH = 3.15V,
tTR
VOUT = VOUT_LOW to VOUT_HIGH
60
μs
IOUT = 10mA
VOUT = 97% × VOUT_HIGH
tSTR
Startup time(3)
COUT = 1.0μF
160
μs
tSHUT
Shutdown time(4)
RL = ∞, COUT = 1.0μF, VOUT = 2.8V
180(5)
μs
VSET high (output VOUT2 selected),
VHI
1.2
VIN
V
or enable pin high (enabled)
VSET low (output VOUT1 selected),
VLO
0
0.4
V
or enable pin low (disabled)
IEN, IVSET
Enable and select pin currents
EN = VSET = 6.5V
0.04
1.0
μA
Undervoltage lockout
VIN rising, VSET = high/low
2.38
2.51
2.65
V
UVLO
Hysteresis
VIN falling, VSET = high/low
230
mV
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
The output voltage for VSET = low/high is programmed at the factory.
(2)
VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V.
(3)
Time from VEN = 1.2V to VOUT = 97% (VOUT(NOM)).
(4)
Time from VEN = 0.4V to VOUT = 5% (VOUT(NOM)).
(5)
See Shutdown in the Application Information section for more details.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS728330185DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728330185DRVT TI1-TPS728330185DRVT Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330185DRVT TI1-TPS728330185DRVT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330185DRVT TI1-TPS728330185DRVT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330185DRVT TI1-TPS728330185DRVT Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330185DRVT TI1-TPS728330185DRVT Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728330185DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com