Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73730DRBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73730DRBR
Description  1-A Low-Dropout Regulator With Reverse Current Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73730DRBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS73730DRBR Datasheet HTML 1Page - Texas Instruments TPS73730DRBR Datasheet HTML 2Page - Texas Instruments TPS73730DRBR Datasheet HTML 3Page - Texas Instruments TPS73730DRBR Datasheet HTML 4Page - Texas Instruments TPS73730DRBR Datasheet HTML 5Page - Texas Instruments TPS73730DRBR Datasheet HTML 6Page - Texas Instruments TPS73730DRBR Datasheet HTML 7Page - Texas Instruments TPS73730DRBR Datasheet HTML 8Page - Texas Instruments TPS73730DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TABISGND
6
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
TPS737
SBVS067Q – JANUARY 2006 – REVISED MAY 2015
www.ti.com
5 Pin Configuration and Functions
6-Pin SOT-223
8-Pin VSON
DCQ Package
DRB Package
Top View
Top View
6-Pin WSON
DRV Package(1)
Top View
(1)Power dissipation may limit operating range. Check Thermal Information table.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-223
WSON
VSON
IN
1
8
6
I
Unregulated input supply
GND
3, 6
4, Pad
3, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low
puts the regulator into shutdown mode. Refer to the Enable Pin and
EN
5
5
4
I
Shutdown section under Application Information for more details. EN must not
be left floating and can be connected to IN if not used.
Fixed voltage versions only—connecting an external capacitor to this pin
NR
4
3
2
bypasses noise generated by the internal bandgap, reducing output noise to
very low levels.
I
Adjustable voltage version only—this is the input to the control loop error
FB
4
3
2
amplifier, and is used to set the output voltage of the device.
O
Regulator output. A 1.0-
μF or larger capacitor of any type is required for
OUT
2
1
1
stability.
NC
2, 6, 7
5
Not connected
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS737


Similar Part No. - TPS73730DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73730DRBR TI-TPS73730DRBR Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBR TI-TPS73730DRBR Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBR TI1-TPS73730DRBR Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBR TI-TPS73730DRBR Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73730DRBR TI1-TPS73730DRBR Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73730DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com