Electronic Components Datasheet Search |
|
TPS75333QPWP Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS75333QPWP Datasheet(HTML) 3 Page - Texas Instruments |
3 / 31 page www.ti.com DISSIPATION RATINGS RECOMMENDED OPERATING CONDITIONS TPS751xxQ TPS753xxQ SLVS241C – MARCH 2000 – REVISED OCTOBER 2007 AIRFLOW DERATING FACTOR BOARD PACKAGE (CFM) TA < +25°C ABOVE TA = +25°C TA = +70°C TA = +85°C 0 2.9 mW 23.5 mW/ °C 1.9 W 1.5 W Low-K(1) PWP 300 4.3 mW 34.6 mW/ °C 2.8 W 2.2 W 0 3 W 23.8 mW/ °C 1.9 W 1.5 W High-K(2) PWP 300 7.2 W 57.9 mW/ °C 4.6 W 3.8 W (1) This parameter is measured with the recommended copper heat sink pattern on a 1-layer, 5-in נ 5-in printed circuit board (PCB), 1-ounce copper, 2-in נ 2-in coverage (4 in2). (2) This parameter is measured with the recommended copper heat sink pattern on a 8-layer, 1.5-in נ 2-in PCB, 1-ounce copper with layers 1, 2, 4, 5, 7, and 8 at 5% coverage (0.9 in2) and layers 3 and 6 at 100% coverage (6 in2). For more information, refer to TI technical brief SLMA002. MIN MAX MAX VIN Input voltage range(1) 2.7 5.5 V VOUT Output voltage range 1.5 5 V IOUT Output current 0 2.0 A TJ Operating virtual junction temperature –40 +125 °C (1) To calculate the minimum input voltage for your maximum output current, use the following equation: VIN(min) = VOUT(max) + VDO(max load). Copyright © 2000–2007, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Similar Part No. - TPS75333QPWP |
|
Similar Description - TPS75333QPWP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |