Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4538MTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74HC4538MTE4
Description  High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4538MTE4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC4538MTE4 Datasheet HTML 1Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 2Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 3Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 4Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 5Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 6Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 7Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 8Page - Texas Instruments CD74HC4538MTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Functional Diagram
2R
13
2A
12
11
10
9
2Q
2Q
2B
MONO 2
VCC
15
14
2Cx
2RxCx
1R
3
1A
5
4
6
7
1Q
1Q
1B
MONO 1
VCC
12
1Cx
1RxCx
1Cx
1Rx
2Cx
2Rx
GND = 8
VCC = 16
TRUTH TABLE
INPUTS
OUTPUTS
RA
BQ
Q
LX
XL
H
XHX
L
H
XX
L
L
H
HL
H
H
H = High Level, L = Low Level,
↑ = Transition from Low to High,
↓ = Transition from High to Low,
One High Level Pulse,
One Low Level Pulse, X = Irrelevant.
FIGURE 1. FF DETAIL
CL
CL
CL
CL
p
n
p
n
p
n
CL
R1
R2
CL
R1
Q
Q
CL
D
CD54HC4538, CD74HC4538, CD54HCT4538, CD74HCT4538


Similar Part No. - CD74HC4538MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4538MTE4 TI-CD74HC4538MTE4 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
More results

Similar Description - CD74HC4538MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com