Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7510X Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7510X
Description  Low Dropout, Two-Bank LED Driver with PWM Brightness Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7510X Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7510X_16 Datasheet HTML 5Page - Texas Instruments TPS7510X_16 Datasheet HTML 6Page - Texas Instruments TPS7510X_16 Datasheet HTML 7Page - Texas Instruments TPS7510X_16 Datasheet HTML 8Page - Texas Instruments TPS7510X_16 Datasheet HTML 9Page - Texas Instruments TPS7510X_16 Datasheet HTML 10Page - Texas Instruments TPS7510X_16 Datasheet HTML 11Page - Texas Instruments TPS7510X_16 Datasheet HTML 12Page - Texas Instruments TPS7510X_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R
=
ISET
K
V
´
ISET
I
LED
TPS7510x
www.ti.com
SBVS080I – SEPTEMBER 2006 – REVISED NOVEMBER 2013
APPLICATIONS INFORMATION
LIMITATIONS ON LED FORWARD
VOLTAGES
SETTING THE OUTPUT CURRENT LEVEL
The
TPS7510x
is
a
linear
current
source
The TPS7510x is a quad matched current source.
implementing
LDO
regulator
building
blocks.
Each of the four current source output levels is set by
Therefore, there are some limitations to the forward
a single reference current. An internal voltage
(output) voltages that can be used while maintaining
reference of 1.225V (nominal) in combination with a
accurate
operation.
The
first
limitation
is
the
resistor
sets
the
reference
current
level.
This
maximum
LED
forward
voltage.
Because
LDO
reference current is then mirrored onto each of the
technology is employed, there is the dropout voltage
four outputs with a ratio of typically 420:1. The
to consider. The TPS7510x is an ultra-low dropout
resistor required to set the LED current is calculated
device with typical dropouts in the range of 30mV at
using Equation 1:
5mA. Care must be taken in the design to ensure that
the difference between the lowest possible input
voltage (for example, battery cut-off) and the highest
possible forward voltage yields at least 100mV of
where:
headroom.
Headroom
levels
less
than
dropout
K is the current ratio
decrease the accuracy of the current source (see
VISET is the internal reference voltage
Figure 6).
ILED is the desired LED current
(1)
The other limitation to consider is the minimum output
For example, to set the LED current level to 10mA, a
voltage required to yield accurate operation. The
resistor value of 51.1k
Ω is required. This value sets
current source employs NMOS MOSFETs, and a
up a reference current of 23.9
μA (1.22V/51.1kΩ). In
minimum forward LED voltage of approximately 1.5V
turn, this reference current is mirrored to each output
on the output is required to maintain highest
current source, resulting in an output current of 10mA
accuracy. The TPS7510x is ideal for white LEDs and
(23.9
μA × 420).
color LEDs with forward voltages greater than 1.5V.
This range includes red LEDs that have typical
The TPS7510x offers two methods for setting the
forward voltages of 1.7V.
output current levels. The LED current is set either by
connecting a resistor (calculated using Equation 1)
USE OF EXTERNAL CAPACITORS
from the ISET pin to GND, or leaving ISET unconnected
to employ the factory-programmed RSET resistance.
The TPS7510x does not require the use of any
The internal programmed resistance is implemented
external capacitors for stable operation. Nominal
using
high-precision
processing
and
yields
a
stray and/or power-supply decoupling capacitance on
reference
current
accuracy
of
0.5%,
nominal.
the input is adequate for stable operation. Capacitors
Accuracy using external resistors is subject to the
are not recommended on the outputs because they
tolerance of the external resistor and the accuracy of
are not needed for stability.
the internal reference voltage.
USE OF UNUSED OUTPUTS OR TYING
The TPS7510x automatically detects the presence of
OUTPUTS TOGETHER
an external resistor by monitoring the current out of
the ISET pin. Current levels in excess of 3μA signify
Unused outputs may be left unconnected or tied to
the presence of an external resistor and the device
the VIN supply. While open outputs are acceptable,
uses the external resistor to set the reference current.
tying unused outputs to the VIN supply increases ESD
If the current from ISET is less than 3μA, the device
protection. Connecting unused output to ground
defaults to the preset internal reference set resistor.
violates the minimum recommended output voltage,
The TPS7510x is available with eight preset current
results in current levels that potentially exceed the
levels, from 3mA to 10mA (per output) in 1mA
set/preset LED current and should be avoided.
increments.
Solutions
using
the
preset
internal
Connecting outputs in parallel is an acceptable way
current
level
eliminate
an
external
component,
of increasing the amount of LED current drive. This
thereby increasing accuracy and reducing cost.
configuration is a useful trick when the higher current
level is a multiple of the preset value.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS7510X_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7510XYYYZ TI-TPS7510XYYYZ Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI-TPS7510X_08 Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
More results

Similar Description - TPS7510X_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7510X TI-TPS7510X Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI-TPS7510X_08 Datasheet
470Kb / 16P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75100 TI1-TPS75100 Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com