Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7418 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7418
Description  FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7418 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7418 Datasheet HTML 1Page - Texas Instruments TPS7418 Datasheet HTML 2Page - Texas Instruments TPS7418 Datasheet HTML 3Page - Texas Instruments TPS7418 Datasheet HTML 4Page - Texas Instruments TPS7418 Datasheet HTML 5Page - Texas Instruments TPS7418 Datasheet HTML 6Page - Texas Instruments TPS7418 Datasheet HTML 7Page - Texas Instruments TPS7418 Datasheet HTML 8Page - Texas Instruments TPS7418 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS7415, TPS7418, TPS7425, TPS7430, TPS7433
FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR
200-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS212 – DECEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fast Transient Response Using Small
Output Capacitor (10
µF)
D 200-mA Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 3-V and 3.3-V
D Dropout Voltage Down to 170 mV at 200 mA
(TPS7433)
D 3% Tolerance Over Specified Conditions
D 8-Pin SOIC Package
D Thermal Shutdown Protection
description
This device is designed to have a fast transient response and be stable with 1-
µF capacitors. This combination
provides high performance at a reasonable cost.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 170 mV
at an output current of 200-mA for the TPS7433). This LDO family also features a sleep mode; applying a TTL
high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than 1
µA at
TJ = 25°C.
The TPS74xx is offered in 1.5-V, 1.8-V, 2.5-V, 3-V, and 3.3-V. Output voltage tolerance is specified as a
maximum of 3% over line, load, and temperature ranges. The TPS74xx family is available in 8 pin SOIC
package.
–50
200
50
0
100
0
t – Time –
µs
CO = 10 µF
TPS7418
LOAD TRANSIENT RESPONSE
0
300
200
100
400
500
700
600
800
900 1000
di/dt =
TJ – Junction Temperature – °C
100
0
150
50
–50
300
200
250
TPS7433
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
–25
25
0
50
75
100
125
150
IO = 50 mA
IO = 1 mA
IO = 75 mA
IO = 200 mA
VI = 3.2 V
200 mA
25
µs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
EN
NC
NC
IN
SENSE
OUT
GND
IN
D PACKAGE
(TOP VIEW)
NC – No internal connection
TPS7430: Not Recommended For New Designs


Similar Part No. - TPS7418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7418 TI-TPS7418 Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS7418D TI-TPS7418D Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7415 TI-TPS7415 Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com