Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7101QDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7101QDR
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7101QDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7101QDR Datasheet HTML 2Page - Texas Instruments TPS7101QDR Datasheet HTML 3Page - Texas Instruments TPS7101QDR Datasheet HTML 4Page - Texas Instruments TPS7101QDR Datasheet HTML 5Page - Texas Instruments TPS7101QDR Datasheet HTML 6Page - Texas Instruments TPS7101QDR Datasheet HTML 7Page - Texas Instruments TPS7101QDR Datasheet HTML 8Page - Texas Instruments TPS7101QDR Datasheet HTML 9Page - Texas Instruments TPS7101QDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, SENSE/FB shorted to OUT
(unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS7101Q, TPS7133Q
TPS7148Q, TPS7150Q
UNIT
J
MIN
TYP
MAX
Ground current (active mode)
EN
≤ 0.5 V,
VI = VO + 1 V,
25
°C
285
350
µA
Ground current (active mode)
EN
≤ 0.5 V,
0 mA
≤ IO ≤ 500 mA
VI VO + 1 V,
– 40
°C to 125°C
460
µA
Input current (standby mode)
EN
V
27 V
≤ V ≤ 10 V
25
°C
0.5
µA
Input current (standby mode)
EN = VI,
2.7 V
≤ VI ≤ 10 V
– 40
°C to 125°C
2
µA
Output current limit
VO =0
VI =10V
25
°C
1.2
2
A
Output current limit
VO = 0,
VI = 10 V
– 40
°C to 125°C
2
A
Pass-element leakage current in standby
EN
V
27 V
≤ V ≤ 10 V
25
°C
0.5
µA
gy
mode
EN = VI,
2.7 V
≤ VI ≤ 10 V
– 40
°C to 125°C
1
µA
PG leakage current
Normal operation
VPG =10V
25
°C
0.02
0.5
µA
PG leakage current
Normal operation,
VPG = 10 V
– 40
°C to 125°C
0.5
µA
Output voltage temperature coefficient
– 40
°C to 125°C
61
75
ppm/
°C
Thermal shutdown junction temperature
165
°C
EN logic high (standby mode)
2.5 V
≤ VI ≤ 6 V
40
°Cto125°C
2
V
EN logic high (standby mode)
6 V
≤ VI ≤ 10 V
– 40
°C to 125°C
2.7
V
EN logic low (active mode)
27 V
≤ VI ≤ 10 V
25
°C
0.5
V
EN logic low (active mode)
2.7 V
≤ VI ≤ 10 V
– 40
°C to 125°C
0.5
V
EN hysteresis voltage
25
°C
50
mV
EN input current
0V
≤ VI ≤ 10 V
0V
≤ VI ≤ 10 V
25
°C
– 0.5
0.5
µA
EN input current
0 V
≤ VI ≤ 10 V
0 V
≤ VI ≤ 10 V
– 40
°C to 125°C
– 0.5
0.5
µA
Minimum VI for active pass element
25
°C
2.05
2.5
V
Minimum VI for active pass element
– 40
°C to 125°C
2.5
V
Minimum VI for valid PG
IPG = 300 µA
IPG = 300 µA
25
°C
1.06
1.5
V
Minimum VI for valid PG
IPG = 300 µA
IPG = 300 µA
– 40
°C to 125°C
1.9
V
† CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS7101QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7101QDR TI-TPS7101QDR Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QDR TI-TPS7101QDR Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QDR TI-TPS7101QDR Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QDRG4 TI-TPS7101QDRG4 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QDRG4 TI-TPS7101QDRG4 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7101QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com