Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7430 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS7430
Description  FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7430 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7430 Datasheet HTML 2Page - Texas Instruments TPS7430 Datasheet HTML 3Page - Texas Instruments TPS7430 Datasheet HTML 4Page - Texas Instruments TPS7430 Datasheet HTML 5Page - Texas Instruments TPS7430 Datasheet HTML 6Page - Texas Instruments TPS7430 Datasheet HTML 7Page - Texas Instruments TPS7430 Datasheet HTML 8Page - Texas Instruments TPS7430 Datasheet HTML 9Page - Texas Instruments TPS7430 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS7415, TPS7418, TPS7425, TPS7430, TPS7433
FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR
200-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS212 – DECEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
IO – Output Current – mA
TPS7425
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.49
50
100
2.5
2.496
150
250
0
200
VI = 3.5 V
TA = 25°C
2.498
2.494
2.492
Figure 5
TJ – Junction Temperature – °C
TPS7418
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
1.806
1.802
1.816
1.812
1.820
1.818
1.814
1.810
1.808
1.804
–50 –25
25
0
50
75
100
125
150
IO = 50 mA
IO = 100 mA
IO = 1 mA
VI = 4.0 V
IO = 200 mA
Figure 6
TJ – Junction Temperature – °C
TPS7433
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
3.285
3.330
3.305
3.315
3.325
3.320
3.310
3.300
3.295
3.290
–50 –25
25
0
50
75
100
125
150
VI = 4.3 V
IO = 1 mA
IO = 50 mA
IO = 100 mA
IO = 200 mA
Figure 7
TJ – Junction Temperature – °C
100
1
0
150
10000
–50
50
1000
VI = 2.8 V
100
IO = 1 mA
TPS7418
GROUND CURRENT
vs
JUNCTION TEMPERATURE
IO = 200 mA
IO = 100 mA
10
TPS7430: Not Recommended For New Designs


Similar Part No. - TPS7430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7430 TI-TPS7430 Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301KTWR TI-TPS74301KTWR Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301KTWRG3 TI-TPS74301KTWRG3 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301KTWT TI-TPS74301KTWT Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results

Similar Description - TPS7430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7415 TI-TPS7415 Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com