Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM6382F Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM6382F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6382F Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM6382F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6382F Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
11
Version: DM336P-DS-F02
August 15, 2000
d. FIFO Control Register (FCR): Address 2
Reset State 00h , write only
bit7
bit6 bit
5
bit
4
bit3
bit2
bit1
bit0
RCVR
Trig
(MSB)
RCVR
Trig
(LSB)
00
DMA
Mode
TxFIFO
Reset
RxFIFO
Reset
FIFO
Enabl
e
This is a write only register at the same location as
the IIR, which is a read only register. This register is
used to enable the FIFOs, clear the the FIFOs, set the
RxFIFO trigger level, and select the type of DMA
signal.
Bit 0: Writing a 1 to FCR0 enables both transmit and
receive FIFOs. Resetting FCR0 will clear all
bytes in both FIFOs. When changing from FIFO
mode to Character mode (and vice versa), data
is automatically cleared from the FIFOs.
Bit 1: Writing a 1 to FCR1 clears all bytes in the
RxFIFO and resets its counter logic to 0.
Bit 2: Writing a 1 to FCR2 clears all bytes in the
TxFIFO and resets its counter logic to 0.
Bit 3: Setting FCR3 to 1 will cause the RXRDY and
TXRDY pins to change from mode 0 to mode 1
if FCR0 = 1.
Bit 4-5: Reserved
Bit 6-7: FCR6, FCR7 are used to set the trigger level
for the RxFIFO interrupt.
FCR6
FCR7
RxFIFO Trigger Level
00
01
01
04
10
08
e. Line Control Register (LCR): Address 3
Reset State 00h, Write Only
bit7
bit6
bit5 bit4 bit3 bit2
bit1
bit0
DLAB SBRK STP EPS PEN STB WLS1 WLS0
This register is available to maintain compatibility with
the standard 16550 register set, and provides
information to the internal hardware that is used to
determine the number of bits per character.
WLS1
WLS2
Word Length
00
5 bits
01
6 bits
10
7 bits
11
8 bits
Bit 0-1: WLS0-1 specifies the number of bits in each
transmitted and received serial character.
Bit 2: This bit specifies the number of stop bits in
each transmitted character. If bit 2 is a logic 0,
one stop bit is generated in the transmitted data.
If bit 2 is a logic 1 when a 5-bit word length is
selected via bits 0 and 1, one and a half stops
are generated. If bit 2 is a logic 1 when either a
6-, 7- or 8-bit word length is selected, two stop
bits are generated. The Receiver checks the
first Stop-bit only, regardless of the number of
Stop bits selected.
Bit 3: Logic 1 indicates that the PC has enabled the
parity generation and checking.
Bit 4: Logic 1 indicates that the PC is requesting an
even number of logic 1s to be transmitted or
checked. Logic 0 indicates that the PC is
requesting odd parity generation and checking.
Bit 5: When bit 3, 4 and 5 are logic 1, the parity bit is
transmitted and checked by the receiver as
logic 0. If bits 3 and 5 are 1 and bit 4 is logic 0,
then the parity is transmitted and checked as
logic 1.
Bit 6: This is a Break Control bit. When it is set to
logic 1, a break condition is indicated.
Bit 7: The Divisor Latch Access bit must be set to
logic 1 to access the Divisor Latches of the
baud generator during a read or write operation.
It must be set to logic 0 to access the Receiver
Buffer, the Transmitter Holding Register, or the
Interrupt Enable Register.


Similar Part No. - DM6382F

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
List of Unclassifed Man...
DM6310P ETC-DM6310P Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
DM6312P ETC-DM6312P Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
logo
Silicon Touch Technolog...
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
DM632 SITI-DM632 Datasheet
551Kb / 25P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results

Similar Description - DM6382F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
   V.34 Data V.17 Fax, Modem Data Pump
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com