Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7101QPW Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7101QPW
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7101QPW Datasheet(HTML) 1 Page - Texas Instruments

  TPS7101QPW Datasheet HTML 1Page - Texas Instruments TPS7101QPW Datasheet HTML 2Page - Texas Instruments TPS7101QPW Datasheet HTML 3Page - Texas Instruments TPS7101QPW Datasheet HTML 4Page - Texas Instruments TPS7101QPW Datasheet HTML 5Page - Texas Instruments TPS7101QPW Datasheet HTML 6Page - Texas Instruments TPS7101QPW Datasheet HTML 7Page - Texas Instruments TPS7101QPW Datasheet HTML 8Page - Texas Instruments TPS7101QPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Available in 5-V, 4.85-V, and 3.3-V
Fixed-Output and Adjustable Versions
D Very Low-Dropout Voltage ...Maximum of
32 mV at IO = 100 mA (TPS7150)
D Very Low Quiescent Current – Independent
of Load . . . 285
µA Typ
D Extremely Low Sleep-State Current
0.5
µA Max
D 2% Tolerance Over Specified Conditions
For Fixed-Output Versions
D Output Current Range of 0 mA to 500 mA
D TSSOP Package Option Offers Reduced
Component Height for Space-Critical
Applications
D Power-Good (PG) Status Output
description
The TPS71xx integrated circuits are a family
of
micropower
low-dropout
(LDO)
voltage
regulators. An order of magnitude reduction in
dropout voltage and quiescent current over
conventional LDO performance is achieved by
replacing the typical pnp pass transistor with a
PMOS device.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (maximum of 32
mV at an output current of 100 mA for the TPS7150) and is directly proportional to the output current (see
Figure 1). Additionally, since the PMOS pass element is a voltage-driven device, the quiescent current is very
low and remains independent of output loading (typically 285
µA over the full range of output current, 0 mA to
500 mA). These two key specifications yield a significant improvement in operating life for battery-powered
systems. The LDO family also features a sleep mode; applying a TTL high signal to EN (enable) shuts down
the regulator, reducing the quiescent current to 0.5
µA maximum at TJ = 25°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
NC – No internal connection
1
2
3
4
8
7
6
5
GND
EN
IN
IN
PG
SENSE/FB
OUT
OUT
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
GND
NC
NC
EN
NC
IN
IN
IN
PG
NC
NC
FB
NC
SENSE
OUT
OUT
NC
NC
PW PACKAGE
(TOP VIEW)
† SENSE – Fixed voltage options only
(TPS7133, TPS7148, and TPS7150)
‡ FB – Adjustable version only (TPS7101)


Similar Part No. - TPS7101QPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7101QPW TI-TPS7101QPW Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QPW TI-TPS7101QPW Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QPW TI-TPS7101QPW Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QPW TI-TPS7101QPW Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101QPWG4 TI-TPS7101QPWG4 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7101QPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com