Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7415DR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS7415DR
Description  FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7415DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7415DR Datasheet HTML 7Page - Texas Instruments TPS7415DR Datasheet HTML 8Page - Texas Instruments TPS7415DR Datasheet HTML 9Page - Texas Instruments TPS7415DR Datasheet HTML 10Page - Texas Instruments TPS7415DR Datasheet HTML 11Page - Texas Instruments TPS7415DR Datasheet HTML 12Page - Texas Instruments TPS7415DR Datasheet HTML 13Page - Texas Instruments TPS7415DR Datasheet HTML 14Page - Texas Instruments TPS7415DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPS7415, TPS7418, TPS7425, TPS7430, TPS7433
FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR
200-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS212 – DECEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS74xx family includes five voltage regulators (1.5 V, 1.8 V, 2.5 V, 3 V, and 3.3 V).
minimum load requirements
The TPS74xx family is stable even at zero load; no minimum load is required for operation.
SENSE terminal connection
The SENSE terminal must be connected to the regulator output for proper functioning of the regulator. Normally,
this connection should be as short as possible; however, the connection can be made near a critical circuit
(remote sense) to improve performance at that point. Internally, SENSE connects to a high-impedance
wide-bandwidth amplifier through a resistor-divider network and noise pickup feeds through to the regulator
output. Routing the SENSE connection to minimize/avoid noise pickup is essential. Adding an RC network
between SENSE and OUT to filter noise is not recommended because it can cause the regulator to oscillate.
external capacitor requirements
An input capacitor is not usually required; however, a ceramic bypass capacitor (1
µF or larger) improves load
transient response and noise rejection if the TPS74xx is located more than a few inches from the power supply.
A higher-capacitance electrolytic capacitor may be necessary if large (hundreds of milliamps) load transients
with fast rise times are anticipated.
Like all low dropout regulators, the TPS74xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance value is 1
µF and the ESR
(equivalent series resistance) must be at least 300 m
Ω. Solid tantalum electrolytic and aluminum electrolytic
are all suitable, provided they meet the requirements described previously.
OUT
4
1
IN
EN
GND
6
8
7
VI
1
µF
ESR
VO
1
µF
+
TPS74xx
CO
IN
5
SENSE
SENSE
Figure 20. Typical Application Circuit
regulator protection
The TPS74xx PMOS-pass transistor has a built-in back diode that conducts reverse currents when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. When extended reverse voltage is anticipated, external limiting may be
appropriate.
TPS7430: Not Recommended For New Designs


Similar Part No. - TPS7415DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7415D TI-TPS7415D Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS7415DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7415 TI-TPS7415 Datasheet
249Kb / 14P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE USING SMALL OUTPUT CAPACITOR 200-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com