Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV16 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV16
Description  16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV16 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS92LV16 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 9Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AC Timing Diagrams and Test Circuits
20014303
FIGURE 1. “Worst Case” Serializer ICC Test Pattern
20014304
FIGURE 2. “Worst Case” Deserializer ICC Test Pattern
20014305
FIGURE 3. Serializer Bus LVDS Output Load and Transition Times
20014306
FIGURE 4. Deserializer CMOS/TTL Output Load and Transition Times
www.national.com
6


Similar Part No. - DS92LV16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG TI-DS92LV16TVHG Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG/NOPB TI-DS92LV16TVHG/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHGX TI-DS92LV16TVHGX Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHGX/NOPB TI-DS92LV16TVHGX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
More results

Similar Description - DS92LV16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com