Electronic Components Datasheet Search |
|
BOB8-24S2W Datasheet(PDF) 1 Page - Bothhand USA, LP. |
|
BOB8-24S2W Datasheet(HTML) 1 Page - Bothhand USA, LP. |
1 / 4 page BOTHHAND USA E-mail: sales@bothhandUSA.com http://www.bothhandUSA.com Rev:20100929A Page 1 of 4 Isolated DC-DC Converters BOB8W Series -- 8 Watt Features Wide 4 : 1 Input Voltage Range(9~36V,18~75V) Remote On/Off High Efficiency up to 86% Input / Output Isolation Voltage: 1.5K Vdc Extended Operating Temperature Range: -40°C to +85°C Output Short Circuit Protection: Hiccup, continuous & Auto Recovery Over Voltage Protection: Clamp Mode Shielded Metal Case with Insulated Baseplate Lead Free Design, RoHS Compliant 24pin DIP Package with Industry-Standard Footprint Customer Design Available Technical Specification All specifications are typical at nominal input, full load and 25°C unless otherwise stated. Output Current (mA) Input Current (mA) Model Number Input Voltage Range Output Voltage (Vdc) Min. Load Full. Load No Load Full Load Eff . (1) (%) Capacitive Load, max. (2) (uF) BOB8-24S0W 3.3 0 2000 30 343 84 20200 BOB8-24S1W 5 0 1500 45 386 85 14400 BOB8-24S2W 12 0 665 15 410 85 2300 BOB8-24S3W 15 0 535 16 413 85 1530 BOB8-24D1W ±5 0 ±800 17 422 83 6700 BOB8-24D2W ±12 0 ±335 20 418 85 1000 BOB8-24D3W 9~36V Nominal:24Vdc ±15 0 ±265 20 409 85 760 BOB8-48S0W 3.3 0 2000 13 172 84 22200 BOB8-48S1W 5 0 1500 21 190 86 13000 BOB8-48S2W 12 0 665 6 205 85 2000 BOB8-48S3W 15 0 535 6 206 85 1330 BOB8-48D1W ±5 0 ±800 5 211 83 6900 BOB8-48D2W ±12 0 ±335 6 207 85 1100 BOB8-48D3W 18~75V Nominal:48Vdc ±15 0 ±265 7 204 85 760 Description The BOB8W Series are isolated 8W DC/DC converters. Designed with highly efficiency, allow the operating temperature range of these units to be -40°C to +85°C in a 24 pin DIP package with industry-standard footprint. Further features include wide 4 : 1 input voltage range, remote on/off control, short-circuit protection and over voltage protection. Applications These converters are well suitable for battery operated equipment, measurement equipment, telecom, wireless network, Industry control system, everywhere where isolated, tightly regulated voltages and compact size are required. |
Similar Part No. - BOB8-24S2W |
|
Similar Description - BOB8-24S2W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |