Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA20-48D2WHS Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BRA20-48D2WHS
Description  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BRA20-48D2WHS Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BRA20-48D2WHS Datasheet HTML 1Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 2Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 3Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 4Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 5Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 6Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 7Page - Bothhand USA, LP. BRA20-48D2WHS Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev:20120813A
Page 2 of
8
Isolated DC-DC Converters
BRA20WHS Series -- 20 Watt
Input Specifications
Input Voltage
24V nominal input
9-36V
48V nominal input
18-75V
Input filter
Pi Type
Input surge voltage
24V nominal input
50V
(100ms max.)
48V nominal input
100V
Input reflected ripple current
Nominal Vin and full load
60mAp-p max.
Start up time
Nominal Vin and constant resistive load
76ms typ.
Converter: ON
Open or 3.5V<Vr<12V
Remote ON/OFF
Converter: OFF
Short
(4) or 0V<Vr<0.7V
Sourcing current of remote control pin
Nominal Vin
<0.2 mA
Idle input current (at Remote OFF state)
Nominal Vin
<12 mA
Environmental Specifications
Operating ambient temperature
-40°C to +85°C (with derating)
Maximum case temperature
+105°C max.
Storage temperature range
-55°C to +125°C
Relative humidity
95% RH max.
Temperature coefficient
±0.02% / °C max.
Output Specifications
Output power
20 Watts max.
Voltage accuracy
Full load and nominal Vin
±1%
Minimum load
See table
Line regulation
LL to HL at full load
±1.0%
25% load to full load
Single
±1.0%
Balanced load
Dual
±0.5%
Load Regulation
Unbalanced load 25% to 100% full load
±5%
Ripple and Noise
20MHz bandwidth
80mVp-p max.
3.3Vout models
3.9V
Over voltage protection
5.1Vout models
6.2V
(Zener Diode Clamp)
12Vout models
15V
15Vout models
18V
Capacitive load
See table
Over load protection
% of full load at nominal input
110% min.
Short circuit protection
Hiccup, continuous (Auto Recovery)
Transient response settling time
50% load step change
700µs max.
(1.4ms for 3.3Vout)
Transient response over shoot
di/dt=0.8A/µs
±5% of Vo
(≤ ±6% for 3.3Vout)
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BRA20-48D2WHS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA20-48D2WHS BOTHHAND-BRA20-48D2WHS Datasheet
767Kb / 8P
   Isolated DC-DC Converters
More results

Similar Description - BRA20-48D2WHS

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com