Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA20-48S3W Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BRA20-48S3W
Description  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BRA20-48S3W Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BRA20-48S3W Datasheet HTML 1Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 2Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 3Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 4Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 5Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 6Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 7Page - Bothhand USA, LP. BRA20-48S3W Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev:20130813A
Page 3 of 8
Isolated DC-DC Converters
BRA20W Series -- 20 Watt
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
50
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
Input to output
1500VDC
Isolation resistance
500VDVC
10
9 Ohms min.
Isolation capacitance
450pF typ.
Switching frequency
330kHz typ.
Reliability, calculated MTBF
0.35 × 10
6 Hrs
Physical Specifications
Case material
Nickel-coated copper
Base material
Non conductive FR4
Potting material
Silicon rubber (UL94V-0)
1.0 × 1.0 × 0.4 Inch
Dimensions
(25.4 × 25.4 × 10.2 mm)
Weight
19.2g (0.68oz) typ.
Power Derating Curve (Without Heatsink)
Power Derating Curve (With Heatsink)
Ambient Temp.TA (
)
Ambient Temp.TA (
)
BRA20-48S1W
BRA20-48S1W
Input voltage vs. Efficiency
Output Current vs. Efficiency
Input voltage (V)
Output Current (A)
50
55
60
65
70
75
80
85
90
95
18
24
30
36
42
48
54
60
66
75
50
55
60
65
70
75
80
85
90
95
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BRA20-48S3W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA20-48S3W BOTHHAND-BRA20-48S3W Datasheet
737Kb / 8P
   Isolated DC-DC Converters
BRA20-48S3WHS BOTHHAND-BRA20-48S3WHS Datasheet
767Kb / 8P
   Isolated DC-DC Converters
BRA20-48S3WHS BOTHHAND-BRA20-48S3WHS Datasheet
767Kb / 8P
   Isolated DC-DC Converters
More results

Similar Description - BRA20-48S3W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com