Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCAR25-3R3SA Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # CCAR25-3R3SA
Description  0.25 Watt SMD O/P DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CCAR25-3R3SA Datasheet(HTML) 1 Page - Bothhand USA, LP.

  CCAR25-3R3SA Datasheet HTML 1Page - Bothhand USA, LP. CCAR25-3R3SA Datasheet HTML 2Page - Bothhand USA, LP. CCAR25-3R3SA Datasheet HTML 3Page - Bothhand USA, LP. CCAR25-3R3SA Datasheet HTML 4Page - Bothhand USA, LP. CCAR25-3R3SA Datasheet HTML 5Page - Bothhand USA, LP. CCAR25-3R3SA Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Inc.
CCAR25 Series
0.25 Watt SMD O/P DC-DC Converter
Single Output
Bothhand
USA
www.bothhandusa.com
1
E-mail: sales@bothhandusa.com
1 . Features
Low Ripple and Noise
High Efficiency Up To 76%
Input / Output Isolation : 1K Vdc
100% Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight :1.5g or 1.7g Typical
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
Single Output Series (1 KVdc)
CCAR25-3R3S0
3.3
3.3
76
57
129
60
15
63
CCAR25-3R3S1
5
50
63
124
60
15
65
CCAR25-3R3SA
9
28
56
120
80
10
67
CCAR25-3R3S2
12
21
54
117
100
10
69
CCAR25-3R3S3
15
17
56
117
120
10
69
CCAR25-05S0
5
3.3
76
35
81
60
12
66
CCAR25-05S1
5
50
28
78
60
15
68
CCAR25-05SA
9
28
25
73
80
8
73
CCAR25-05S2
12
21
39
75
100
8
71
CCAR25-05S3
15
17
39
75
120
8
71
CCAR25-12S0
12
3.3
76
14
33
50
10
68
CCAR25-12S1
5
50
15
32
60
15
70
CCAR25-12SA
9
28
19
31
80
8
71
CCAR25-12S2
12
21
19
30
100
5
73
CCAR25-12S3
15
17
18
30
120
5
74


Similar Part No. - CCAR25-3R3SA

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CCAR25-3R3SA BOTHHAND-CCAR25-3R3SA Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25-3R3SA BOTHHAND-CCAR25-3R3SA Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
More results

Similar Description - CCAR25-3R3SA

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-LF-SERIES BOTHHAND-SA1-LF-SERIES Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com