Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1646P Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1646P
Description  Nonvolatile Timekeeping RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1646P Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1646P Datasheet HTML 2Page - Dallas Semiconductor DS1646P Datasheet HTML 3Page - Dallas Semiconductor DS1646P Datasheet HTML 4Page - Dallas Semiconductor DS1646P Datasheet HTML 5Page - Dallas Semiconductor DS1646P Datasheet HTML 6Page - Dallas Semiconductor DS1646P Datasheet HTML 7Page - Dallas Semiconductor DS1646P Datasheet HTML 8Page - Dallas Semiconductor DS1646P Datasheet HTML 9Page - Dallas Semiconductor DS1646P Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS1646/DS1646P
6 of 11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Storage Temperature
-40°C to +85°C
Soldering Temperature
260°C for 10 seconds (DIP Package) (See Note 7)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
OPERATING RANGE
Range
Temperature
VCC
Commercial
0°C to +70°C
5V
± 10%
RECOMMENDED DC OPERATING CONDITIONS
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Logic 1 Voltage All Inputs
VIH
2.2
VCC+0.3
V
Logic 0 Voltage All Inputs
VIL
-0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Average VCC Power Supply Current
ICC1
85
mA
2, 3
TTL Standby Current ( CE =VIH)
ICC2
3
6
mA
2, 3
CMOS Standby Current
( CE =VCC-0.2V)
ICC3
2
4.0
mA
2, 3
Input Leakage Current (any input)
IIL
-1
+1
µA
Output Leakage Current
IOL
-1
+1
µA
Output Logic 1 Voltage
(IOUT = -1.0 mA)
VOH
2.4
V
Output Logic 0 Voltage
(IOUT = +2.1 mA)
VOL
0.4
V
Write Protection Voltage
VPF
4.0
4.25
4.5
V


Similar Part No. - DS1646P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1646P DALLAS-DS1646P Datasheet
39Kb / 2P
   PowerCap with Crystal
More results

Similar Description - DS1646P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
   Nonvolatile Timekeeping RAM?
DS1647 DALLAS-DS1647 Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com