Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUB12-48S2W Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BUB12-48S2W
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUB12-48S2W Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BUB12-48S2W Datasheet HTML 1Page - Bothhand USA, LP. BUB12-48S2W Datasheet HTML 2Page - Bothhand USA, LP. BUB12-48S2W Datasheet HTML 3Page - Bothhand USA, LP. BUB12-48S2W Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BOTHHAND
USA
E-mail:
sales@bothhandUSA.com
http://www.bothhand
USA.com
Rev:20100621A
Page 1 of 4
Isolated DC-DC Converters
BUB12W Series -- 12 Watt
Features
Wide 4 : 1 Input Voltage Range(9~36V,18~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K Vdc
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
6 pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
BUB12-24S0W
3.3
203
2400
5.4
438
80
8260
BUB12-24S1W
5
73
2000
6.3
543
81
8800
BUB12-24S2W
12
0
1000
14.2
615
85
530
BUB12-24S3W
15
18
800
9.1
613
86
347
BUB12-24D1W
±5
33
±1000
7.5
531
83
1800
BUB12-24D2W
±12
13
±500
13.4
606
87
200
BUB12-24D3W
9~36V
Nominal:24Vdc
±15
9
±400
9.9
612
86
147
BUB12-48S0W
3.3
243
2400
3.6
221
80
10550
BUB12-48S1W
5
89
2000
5.6
269
81
13720
BUB12-48S2W
12
33
1000
6.6
303
87
730
BUB12-48S3W
15
18
800
5.6
303
87
330
BUB12-48D1W
±5
33
±1000
5.3
261
84
2600
BUB12-48D2W
±12
18
±500
7
302
87
270
BUB12-48D3W
18~75V
Nominal:48Vdc
±15
9
±400
6.2
304
86
147
Description
The BUB12W Series are isolated 12W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C in
a 6 pin DIP package with industry-standard footprint.
Further features include wide 4 : 1 input voltage range,
remote on/off control, short-circuit protection and over
voltage protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.


Similar Part No. - BUB12-48S2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUB12-48S2W BOTHHAND-BUB12-48S2W Datasheet
1,008Kb / 4P
   Isolated DC-DC Converters
More results

Similar Description - BUB12-48S2W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com