Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F7W-2412S15MLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # F7W-2412S15MLF
Description  15 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7W-2412S15MLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  F7W-2412S15MLF Datasheet HTML 1Page - Bothhand USA, LP. F7W-2412S15MLF Datasheet HTML 2Page - Bothhand USA, LP. F7W-2412S15MLF Datasheet HTML 3Page - Bothhand USA, LP. F7W-2412S15MLF Datasheet HTML 4Page - Bothhand USA, LP. F7W-2412S15MLF Datasheet HTML 5Page - Bothhand USA, LP. F7W-2412S15MLF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F7W LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
105
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
24V Input Model
-0.7
24
44
Input Absolute Voltage Range
48V Input Model
-0.7
48
88
Vdc
Output Short Circuit Duration
Nominal Input Range
Indefinite & Auto-Restart
Reverse Polarity Input Current Limit
---
---
---
1
A
Operating Temperature(Ambient
Temperature)
Output Full Load
-40
---
+71
Storage Temperature
-55
---
+105
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
24V Input Model
9
24
36
Input Voltage Range
48V Input Model
18
48
75
Vdc
Line Regulation
Output Full Load
---
---
± 0.5
Single Output Model
---
---
± 0.5
Load Regulation
Dual Output Model
---
---
± 2
%
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
Output Voltage Balance
Dual Output At Same Load
---
---
± 1.0
%
Switching Frequency
---
300
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1500
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500Vdc
1000
---
---
Isolation Capacitance
1KHz / 250mV rms
---
1000
---
pF
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1500 / 3000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-40℃ ~ +71℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
Storage Temperature
-55℃ ~ +105℃
---
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - F7W-2412S15MLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
More results

Similar Description - F7W-2412S15MLF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com