Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2W-27S-505-Z Datasheet(PDF) 11 Page - Copal Electronics

Part # LP2W-27S-505-Z
Description  Illuminated Pushbutton Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP2W-27S-505-Z Datasheet(HTML) 11 Page - Copal Electronics

Back Button LP2W-27S-505-Z Datasheet HTML 6Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 7Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 8Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 9Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 10Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 11Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 12Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 13Page - Copal Electronics LP2W-27S-505-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LP
■ PC Hole Layouts
(Top view)
Part No.
No. of pole
Single
Pilot Light
Series
LP1S
1 pole
2 poles
LP1W
1 pole
2 poles
■Panel Cut-Out Dimensions
Part No.
Single
Side by Side Mounting
Panel thickness
LP2S
1
∼2.5mm
LP2W
(2)
(L2)
(1)
(L1)
(C1)
5-φ1.2
5.08
(2)
(L2)
(1)
(L1)
(C1)
8-φ1.2
(4)
(3)
(C2)
5.08
5.08
(2)
(L2)
(1)
(L1)
(C1)
(L4)
(L3)
7-φ1.2
2.54
6.35
(2)
(L2)
(1)
(L1)
(C1)
(L4)
(L3)
(4)
(3)
(C2)
10-φ1.2
2.54
12.7
The blue line represents the switch outline.
Note)When the switches are mounted in two or more blocks, the spacing
of the cutout hole between each block should be 3 mm minimum.


Similar Part No. - LP2W-27S-505-Z

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
logo
Altech corporation
LP20 ALTECH-LP20 Datasheet
455Kb / 1P
   30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP20-1200 SUPERWORLD-LP20-1200 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - LP2W-27S-505-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com