Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F7-1212D15MLF Datasheet(PDF) 6 Page - Bothhand USA, LP.

Part # F7-1212D15MLF
Description  15 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7-1212D15MLF Datasheet(HTML) 6 Page - Bothhand USA, LP.

  F7-1212D15MLF Datasheet HTML 1Page - Bothhand USA, LP. F7-1212D15MLF Datasheet HTML 2Page - Bothhand USA, LP. F7-1212D15MLF Datasheet HTML 3Page - Bothhand USA, LP. F7-1212D15MLF Datasheet HTML 4Page - Bothhand USA, LP. F7-1212D15MLF Datasheet HTML 5Page - Bothhand USA, LP. F7-1212D15MLF Datasheet HTML 6Page - Bothhand USA, LP. F7-1212D15MLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
F7 LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
102
Dual Output Plastic Case Model
10 . Recommended Footprint Details
Single Output Metal Case
Dual Output Metal Case
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
20.32
(0.80)
20.32
(0.80)
5.08
(0.20)
1.25~1.5
+IN
-IN
+OUT
-OUT
5.00
(0.20)
46.42
(1.83)
21.16
(0.83)
Pb
COM
COM
15.14
(0.6)
15.14
(0.6)
20.32
(0.8)
9.96
(3.92)
5.08
(0.2)
9.96
(3.92)
10.16
(0.40)
10.16
(0.40)
50.60
(1.99)
25.00
(0.98)
5.08
(0.20)
9.55
(0.37)
Printed Face
IN
-
+
OUT = ±5 Vdc/±1 A
IN = 36~72 Vdc
F7-4805D10P LF
- OUT
+ OUT
+ OUT
- OUT
f 1.00
(0.04)
- IN
+ IN
Top View
Bottom View
COM
10.16
(0.40)
10.16
(0.40)
-OUT
+OUT
-IN
+IN
O1.25~1.5
5.08
(0.20)
20.32
(0.80)
ψ1.25~1.5
ψ1.25~1.5
5.00
(0.20)
COM
15.14
(0.6)
15.14
(0.6)
20.32
(0.8)
9.96
(3.92)
5.08
(0.2)
9.96
(3.92)
10.16
(0.40)
10.16
(0.40)
5.08
(0.20)
9.55
(0.37)
Printed Face
- OUT
+ OUT
f 1.00
(0.04)
- IN
+ IN
Bottom View
5.00
(0.20)
5.08
(0.20)
9.55
(0.37)
Printed Face
f 1.00
(0.04)
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
ψ
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - F7-1212D15MLF

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F7-12 TRIAD-F7-12 Datasheet
48Kb / 2P
   Power Transformer Chassis Mount: Quick Pack
F7-12 TRIAD-F7-12 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
F7-120 TRIAD-F7-120 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
F7-120 TRIAD-F7-120_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F7-12 TRIAD-F7-12_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - F7-1212D15MLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com