Electronic Components Datasheet Search |
|
HBA1-05D1H6 Datasheet(PDF) 2 Page - Bothhand USA, LP. |
|
HBA1-05D1H6 Datasheet(HTML) 2 Page - Bothhand USA, LP. |
2 / 7 page Rev:20120814A Page 2 of 7 Isolated DC-DC Converters HBA1 Series -- 1Watt Output Current (mA) Input Current (mA) Model Number Reinforced Isolation 8kVDC Input Voltage Range(V) Output Voltage (V) Full Load No Load Full Load Eff . (2) (%) Capacitive Load, max. (3) (uF) HBA1-15S0H6 HBA1-15S0H8 3.3 303 93 76 3300 HBA1-15S1H6 HBA1-15S1H8 5 200 91 78 2200 HBA1-15SBH6 HBA1-15SBH8 7.2 140 91 78 1000 HBA1-15SAH6 HBA1-15SAH8 9 111 88 80 1000 HBA1-15S2H6 HBA1-15S2H8 12 84 88 81 470 HBA1-15S3H6 HBA1-15S3H8 15 66 85 82 470 HBA1-15D0H6 HBA1-15D0H8 ±3.3 ±151 94 75 ±2200 HBA1-15D1H6 HBA1-15D1H8 ±5 ±100 91 78 ±1000 HBA1-15DBH6 HBA1-15DBH8 ±7.2 ±70 91 78 ±470 HBA1-15DAH6 HBA1-15DAH8 ±9 ±55 88 79 ±470 HBA1-15D2H6 HBA1-15D2H8 ±12 ±41 87 80 ±220 HBA1-15D3H6 HBA1-15D3H8 13.5 ~ 16.5 Nominal: 15 ±15 ±33 25 86 81 ±220 HBA1-24S0H6 HBA1-24S0H8 3.3 303 58 76 3300 HBA1-24S1H6 HBA1-24S1H8 5 200 57 78 2200 HBA1-24SBH6 HBA1-24SBH8 7.2 140 57 78 1000 HBA1-24SAH6 HBA1-24SAH8 9 111 54 80 1000 HBA1-24S2H6 HBA1-24S2H8 12 84 55 81 470 HBA1-24S3H6 HBA1-24S3H8 15 66 53 82 470 HBA1-24D0H6 HBA1-24D0H8 ±3.3 ±151 59 75 ±2200 HBA1-24D1H6 HBA1-24D1H8 ±5 ±100 57 78 ±1000 HBA1-24DBH6 HBA1-24DBH8 ±7.2 ±70 57 78 ±470 HBA1-24DAH6 HBA1-24DAH8 ±9 ±55 55 79 ±470 HBA1-24D2H6 HBA1-24D2H8 ±12 ±41 54 80 ±220 HBA1-24D3H6 HBA1-24D3H8 21.6 ~ 26.4 Nominal: 24 ±15 ±33 20 54 81 ±220 Input Specifications 5V nominal input 4.5~5.5V 12V nominal input 10.8~13.2V 15V nominal input 13.5~16.5V Input voltage 24V nominal input 21.6~26.4V Input filter Capacitor Environmental Specifications Operating ambient temperature -40°C to +85°C Maximum case temperature +95°C Storage temperature range -55°C to +125°C Relative humidity 95% RH max. Output Specifications Output power 1 Watts max. Voltage accuracy Nominal Vin and full load ±5% max. Bothhand USA sales@bothhandusa.com www.bothhandusa.com |
Similar Part No. - HBA1-05D1H6 |
|
Similar Description - HBA1-05D1H6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |