Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2-24S3 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # CHA2-24S3
Description  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CHA2-24S3 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  CHA2-24S3 Datasheet HTML 1Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 2Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 3Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 4Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 5Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 6Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 7Page - Bothhand USA, LP. CHA2-24S3 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BOTHHAND
USA
PRELIMINARY
Isolated DC-DC Converters
CHA2 Series -- 2Watt
E-mail:
sales@bothhandUSA.com
http://www.bothhandusa.com
Rev:20150617A
Page
2
of
8
Input Specifications
Input voltage
5V nominal input
4.5~5.5V
12V nominal input
10.8~13.2V
24V nominal input
21.6~26.4V
Input filter
Capacitor
Environmental Specifications
Operating ambient temperature
-40°C to +85°C
Maximum case temperature
+95°C
Storage temperature range
-55°C to +125°C
Relative humidity
95% RH max.
Output Specifications
Output power
2 Watts max.
Voltage accuracy
Nominal Vin and full load
±5% max.
Voltage balance
Dual output
±1% max.
Minimum load
0.013A
Line regulation
For Vin charge of 1%
±1.5% max.
Load Regulation
10% load to full load
10% max.
15% max. (3.3&5Vout models)
Ripple and Noise (20MHz Bandwidth)
150mVp-p max.
Maximum capacitive load
See table
General Specifications
Efficiency
Nominal input and full load
See table
Isolation voltage
Input to output
1000Vdc (1 second)
Isolation resistance
500VDC
1000 M
Ω Min.
Isolation capacitance
50pF typ.
Switching frequency
150kHz max.
Reliability, calculated MTBF
2×10
6 Hrs
Physical Specifications
Case material Plastic
Plastic
Potting material Epoxy
Epoxy (UL94 V-0)
Dimensions
0.76 × 0.24 × 0.39 Inch
(19.5 × 6.0 × 10.0 mm)
Weight
2.2 g typ.


Similar Part No. - CHA2-24S3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CHA2-24S3 BOTHHAND-CHA2-24S3 Datasheet
479Kb / 8P
   Isolated DC-DC Converters
More results

Similar Description - CHA2-24S3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com