Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F7W-4812D15MLF Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # F7W-4812D15MLF
Description  15 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7W-4812D15MLF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  F7W-4812D15MLF Datasheet HTML 1Page - Bothhand USA, LP. F7W-4812D15MLF Datasheet HTML 2Page - Bothhand USA, LP. F7W-4812D15MLF Datasheet HTML 3Page - Bothhand USA, LP. F7W-4812D15MLF Datasheet HTML 4Page - Bothhand USA, LP. F7W-4812D15MLF Datasheet HTML 5Page - Bothhand USA, LP. F7W-4812D15MLF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
F7W LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
108
9 . Mechanical Dimension
Single Output Metal Case Model
Dual Output Metal Case Model
1.00
(0.04)
Printed Face
5.08
(0.20)
25.40
(1.00)
50.80
(2.00)
10.16
(0.40)
10.16
(0.40)
10.16
(0.40)
5.08
(0.2)
10.16
(0.40)
20.32
(0.8)
15.24
(0.60)
15.24
(0.60)
Pb
21.16
(0.83)
34.66
(1.36)
11.30
(0.44)
46.42
(1.83)
5.00
(0.20)
2.54
(0.10)
2.54
(0.10)
-OUT COM +OUT
F7W-2405D15M LF
IN=9~36Vdc
OUT=±5Vdc/ ±1.5A
IN
-
+
Bottom View
+OUT
COM
-OUT
+IN -IN
Top View
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
10.16
(0.40)
Bottom View
5.08
(0.20)
50.80
(2.00)
20.32
(0.80)
15.24
(0.60)
10.16
(0.40)
Top View
+IN
25.40
(1.00)
15.24
(0.60)
2.54
(0.10)
5.08
(0.20)
10.16
(0.40)
-IN
10.16
(0.40)
2.54
(0.10)
f 1.00
(0.04)
-OUT
+OUT
+OUT
-OUT
F7W-2405S15M LF
IN=9~36Vdc
OUT=5Vdc/3.0A
+
IN
Printed Face
11.30
(0.44)
34.66
(1.36)
Pb
5.00
(0.20)
21.16
(0.83)
46.42
(1.83)
-
1.00
(0.04)
Printed Face
5.08
(0.20)
34.66
(1.36)
(0.44)
5.00
(0.20)
11.30
(0.44)
ψ
ψ
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - F7W-4812D15MLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
More results

Similar Description - F7W-4812D15MLF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com