Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F7-4812D15MLF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # F7-4812D15MLF
Description  15 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7-4812D15MLF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  F7-4812D15MLF Datasheet HTML 1Page - Bothhand USA, LP. F7-4812D15MLF Datasheet HTML 2Page - Bothhand USA, LP. F7-4812D15MLF Datasheet HTML 3Page - Bothhand USA, LP. F7-4812D15MLF Datasheet HTML 4Page - Bothhand USA, LP. F7-4812D15MLF Datasheet HTML 5Page - Bothhand USA, LP. F7-4812D15MLF Datasheet HTML 6Page - Bothhand USA, LP. F7-4812D15MLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
F7 LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
99
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-25
~ +
71
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-25
~ +95
@ Case Surface Temperature
Storage Temperature
-55
~ +105
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic、Metal
---
6 . Ordering Information
7 . Power Derating Curve
Temperature derating graph
Output Voltage
F7-xxyySxxHM LF
Device Family
Input Voltage
RoHS Converter Certified By SGS
Output Power
"M" For Metal Case; "P" For Plastic Case
"S" For Single Output; "D" For Dual Output
Suffix "H" For Isolation Voltage 3KVdc
Nothing For Isolation Voltage 1.5KVdc
(
)
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - F7-4812D15MLF

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F7-48 TRIAD-F7-48 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
F7-48 TRIAD-F7-48_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - F7-4812D15MLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com