Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1693 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1693
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1693 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1693 Datasheet HTML 2Page - Dallas Semiconductor DS1693 Datasheet HTML 3Page - Dallas Semiconductor DS1693 Datasheet HTML 4Page - Dallas Semiconductor DS1693 Datasheet HTML 5Page - Dallas Semiconductor DS1693 Datasheet HTML 6Page - Dallas Semiconductor DS1693 Datasheet HTML 7Page - Dallas Semiconductor DS1693 Datasheet HTML 8Page - Dallas Semiconductor DS1693 Datasheet HTML 9Page - Dallas Semiconductor DS1693 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DS1689/DS1693
6 of 32
When 5-volt operation is selected, the device is fully accessible and data can be written and read only
when VCCI is greater than 4.5 volts. When VCCI is below 4.5 volts, read and writes are inhibited. However,
the timekeeping function continues unaffected by the lower input voltage. As VCC falls below the greater
of VBAT and VBAUX, the RAM and timekeeper are switched over to a lithium battery connected either to
the VBAT pin or VBAUX pin.
When 3-volt operation is selected and applied within normal limits, the device is fully accessible and data
can be written or read. When VCCI falls below VPF, access to the device is inhibited. If VPF is less than
VBAT and VBAUX, the power supply is switched from VCCI to the backup supply (the greater of VBAT and
VBAUX) when VCCI drops below VPF. If VPF is greater than VBAT and VBAUX, the power supply is switched
from VCCI to the backup supply when VCCI drops below the larger of VBAT and VBAUX.
When VCC falls below VPF, the chip is write-protected. With the possible exception of the KS, PWR , and
SQW pins, all inputs are ignored and all outputs are in a high impedance state.
RTC ADDRESS MAP
The address map for the RTC registers of the DS1689/DS1693 is shown in Figure 2. The address map
consists of the 14-clock/calendar registers. Ten registers contain the time, calendar, and alarm data, and
four bytes are used for control and status. All registers can be directly written or read except for the
following:
1. Registers C and D are read-only.
2. Bit 7 of Register A is read-only.
3. The high order bit of the seconds byte is read-only.
DS1689 REAL TIME CLOCK ADDRESS MAP Figure 2


Similar Part No. - DS1693

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1693 DALLAS-DS1693 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1693 MAXIM-DS1693 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results

Similar Description - DS1693

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com